Electronic Components Datasheet Search
  English  ▼

X  

BSP110 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # BSP110
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP110 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button BSP110 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Philips Semiconductors
BSP110
N-channel enhancement mode field-effect transistor
Product specification
Rev. 03 — 26 July 2000
5 of 13
9397 750 07256
© Philips Electronics N.V. 2000. All rights reserved.
8.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown
voltage
ID =10 µA; VGS =0V
Tj =25 °C
100
130
−
V
Tj = −55 °C89
−−
V
VGS(th)
gate-source threshold voltage ID = 1 mA; VDS =VGS;
Figure 9
Tj =25 °C1
2
−
V
Tj = 150 °C
0.6
−−
V
Tj = −55 °C
−−
3.5
V
IDSS
drain-source leakage current
VDS = 60 V; VGS =0V
Tj =25 °C
−
0.01
1.0
µA
Tj = 150 °C
−−
10
µA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0V
−
10
100
nA
RDSon
drain-source on-state
resistance
VGS =5V; ID = 150 mA;
Figure 7 and 8
Tj =25 °C
−
510
Ω
Tj = 150 °C
−−
23
Ω
Dynamic characteristics
gfs
forward transconductance
VDS =5V; ID = 175 mA;
Figure 11
−
350
−
mS
Ciss
input capacitance
VGS =0V; VDS =10V;
f = 1 MHz; Figure 12
−
25
40
pF
Coss
output capacitance
−
8.5
15
pF
Crss
reverse transfer capacitance
−
510
pF
ton
turn-on time
VDD = 50 V; RD = 250 Ω;
VGS =10V; RG =50 Ω;
RGS =50 Ω
−
310
ns
toff
turn-off time
−
12
15
ns
Source-drain diode
VSD
source-drain (diode forward)
voltage
IS = 300 mA; VGS =0V;
Figure 13
−
0.95
1.5
V
trr
reverse recovery time
IS = 300 mA;
dIS/dt = −100 A/µs;
VGS =0V; VDS =25V
−
30
−
ns
Qr
recovered charge
−
30
−
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com