Electronic Components Datasheet Search
  English  ▼

X  

BSP110 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # BSP110
Description  N-channel enhancement mode field-effect transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP110 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button BSP110 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 9Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 10Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 11Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 12Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 13Page - Nexperia B.V. All rights reserved BSP110 Datasheet HTML 14Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Philips Semiconductors
BSP110
N-channel enhancement mode field-effect transistor
Product specification
Rev. 03 — 26 July 2000
9 of 13
9397 750 07256
© Philips Electronics N.V. 2000. All rights reserved.
9.
Package outline
Fig 14. SOT223.
UNIT
A1
bp
cD
E
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.10
0.01
1.8
1.5
0.80
0.60
b1
3.1
2.9
0.32
0.22
6.7
6.3
3.7
3.3
2.3
e
4.6
7.3
6.7
1.1
0.7
0.95
0.85
0.1
0.1
0.2
DIMENSIONS (mm are the original dimensions)
SOT223
SC-73
97-02-28
99-09-13
w M
bp
D
b1
e1
e
A
A1
Lp
Q
detail X
HE
E
v M A
A
B
B
c
y
0
2
4 mm
scale
A
X
13
2
4
Plastic surface mounted package; collector pad for good heat transfer; 4 leads
SOT223



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com