Electronic Components Datasheet Search
  English  ▼

X  

BSP89 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BSP89
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP89 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BSP89 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2001 May 18
2
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSP89
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a
SOT223 package, intended for use as
a surface-mounted device in line
current interrupters in telephone sets
and for application in relay, high
speed and line transformer drivers.
PINNING - SOT223
PIN
DESCRIPTION
Code: BSP89
1
gate
2
drain
3
source
4
drain
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VDS
drain-source voltage (DC)
240
V
VGSth
gate-source threshold voltage
2
V
ID
drain current (DC)
375
mA
RDSon
drain-source on-state resistance
5
Ω
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
MAM109
4
12
3
Top view
s
d
g
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Transistor mounted on an epoxy printed circuit board, 40 x 40 x 1.5 mm, mounting pad for the drain tab minimum
6cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage (DC)
−
240
V
VGSO
gate-source voltage (DC)
open drain
−±20
V
ID
drain current (DC)
−
375
mA
IDM
peak drain current
−
1.5
A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.5
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com