Electronic Components Datasheet Search
  English  ▼

X  

BSP89 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # BSP89
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BSP89 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  BSP89 Datasheet HTML 1Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 2Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 3Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 4Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 5Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 6Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 7Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 8Page - Nexperia B.V. All rights reserved BSP89 Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2001 May 18
3
Philips Semiconductors
Product specification
N-channel enhancement mode
vertical D-MOS transistor
BSP89
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an epoxy printed circuit board, 40 x 40 x 1.5 mm, mounting pad for the drain tab minimum
6cm2.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient; note 1
83.3
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
ID =10 µA; VGS = 0
240
−−
V
IDSS
drain-source leakage current
VDS = 60 V; VGS =0
−−
200
nA
IGSS
gate-source leakage current
VGS = ±20 V; VDS =0
−−
100
nA
VGSth
gate-source threshold voltage
ID = 1 mA; VGS =VDS
0.8
−
2V
RDSon
drain-source on-state resistance
ID = 340 mA; VGS =10V
−
2.8
5
Ω
ID = 340 mA; VGS = 4.5 V
−−
7.5
Ω
 Y
fs 
transfer admittance
ID = 340 mA; VDS = 25 V
140
600
−
mS
Ciss
input capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
100
120
pF
Coss
output capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
20
30
pF
Crss
reverse transfer capacitance
VDS = 25 V; VGS = 0; f = 1 MHz
−
10
15
pF
Switching times (see Figs 3 and 4)
ton
turn-on time
ID = 250 mA; VDD =50V;
VGS = 0 to 10 V
−
610
ns
toff
turn-off time
ID = 250 mA; VDD =50V;
VGS = 0 to 10 V
−
47
60
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com