Electronic Components Datasheet Search
  English  ▼

X  

UG42 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # UG42
Description  0.6um ULC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG42 Datasheet(HTML) 2 Page - ATMEL Corporation

  UG42 Datasheet HTML 1Page - ATMEL Corporation UG42 Datasheet HTML 2Page - ATMEL Corporation UG42 Datasheet HTML 3Page - ATMEL Corporation UG42 Datasheet HTML 4Page - ATMEL Corporation UG42 Datasheet HTML 5Page - ATMEL Corporation UG42 Datasheet HTML 6Page - ATMEL Corporation UG42 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UG Series
5–2
Rev. B
– 25 May. 98
Product Outline
Part Number
Full programmables Pads
Equivalent FPGA Gates
Maximum Drive
UG01
30
3300
N/A
UG04
48
7500
310
UG09
72
15800
790
UG14
88
24300
1210
UG20
104
34800
1740
UG33
130
46000
2880
UG42
146
58600
3660
UG52
162
63700
4550
UG70
188
85800
6130
UG90
212
108500
7750
UG120
244
145100
10360
UG140
264
156800
12250
Architecture
The basic element of the UG family is called a cell. One
cell can typically implement between two to three FPGA
gates. Cells are located contiguously through out the
core of the device, with routing resources provided in
two or three metal layers above the cells. Some cell
blockage does occur due to routing, and utilization will
be significantly greater with three metal routing than
two.
The sizes listed in the Product Outline are
estimated usable amounts using three metal layers. I/O
cells are provided at each pad, and may be configured as
inputs, outputs, I/Os, VDD or VSS as required to match
any FPGA or PLD pinout. Special function cells and
pins are located in the corners which typically are
unused.
In order to improve noise immunity within the device,
separate VDD and VSS busses are provided for the
internal cells and the I/O cells.
I/O Options
Inputs
Each input can be programmed as TTL, CMOS, or
Schmitt Trigger, with or without a pull up or pull down
resistor.
Fast Output Buffer
Fast output buffers are able to source or sink 3 to 12 mA
according to the chosen option. 24mA achievable, using
2 pads.
Slew Rate Controlled Output Buffer
In this mode, the p- and n-output transistor commands
are delayed, so that they are never set “ON”
simultaneously, resulting in a low switching current and
low noise. These buffer are dedicated to very high load
drive.
3.3V Compatibility
The UG series of ULCs is fully capable of supporting
high-performance operation at 3.3V or 5.0V.
The
performance specifications of any given ULC design
however, must be explicitly specified as 3.3V, 5.0V or
both.
Power Supply and Noise Protection
In order to improve the noise immunity of the UG series,
several mechanisms have been implemented inside the
UG devices. Two kinds of protection have been added:
one to limit the I/O buffer switching noise and the other
to protect the I/O buffers against the switching noise
coming from the core.
I/O buffers switching protection
Three features are implemented to limit the noise
generated by the switching current: The power supplies
of the input and output buffer are separated. The rise and
fall times of the output buffers can be controlled. The
number of buffers that are connected on the same power
supply line is limited.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com