Electronic Components Datasheet Search
  English  ▼

X  

UG42 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # UG42
Description  0.6um ULC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG42 Datasheet(HTML) 4 Page - ATMEL Corporation

  UG42 Datasheet HTML 1Page - ATMEL Corporation UG42 Datasheet HTML 2Page - ATMEL Corporation UG42 Datasheet HTML 3Page - ATMEL Corporation UG42 Datasheet HTML 4Page - ATMEL Corporation UG42 Datasheet HTML 5Page - ATMEL Corporation UG42 Datasheet HTML 6Page - ATMEL Corporation UG42 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UG Series
5–4
Rev. B
– 25 May. 98
Internal Timing Characteristics
These timing parameters for selected macro cells are
provided for information only. Only pin-to-pin timing
characteristics are guaranteed for ULCs, and the actual
specification is determined by the original FPGA or
PLD data sheet plus any specific parameters that are
agreed
to
separately
by
Atmel
Wireless
&
Microcontrollers.
Conditions: VDD = 5 V, Typical Process, Statistical Wire Length. All delays measured at VIN/VOUT = 2.5 V.
Macro Type
Parameter
Symbol
Min
Maxa
Maxb
Units
2-Input NAND
NAND2
0.39
0.56
4-Input NAND
NAND4
0.68
0.88
Inverter
INV
Propagation Time
tPD
0.41
0.68
ns
0.74
0.99
Inverting Tri-State Buffer
TRISTAN
Enable Time
tEN
0.69
0.97
Setup Time
tSU
0.60
Hold Time
tH
0.00
Pulse Width
tPW
Resetable Latch
LATCHR
Propagation Time
tDQ
0.97
1.25
Enable Time
tEN
1.22
1.49
Reset Time
tRN
0.87
1.10
Setup Time
tSU
0.40
Hold Time
tH
0.00
D Flip-Flop with Reset
FDFFR
Pulse Width
tPW
0.60
Clock Delay Time
tCQ
0.95
1.22
Reset Time
tRN
0.81
0.94
TTL Compatible Input
tPLH
0.80
0.95
TTL Compatible Input
Buffer
BUFINTTL
tPHL
0.68
0.74
ns
TTL Compatible I/O Buffer
tPLH
0.80
0.95
TTL Compatible I/O Buffer
Input Mode
BIOT12
tPHL
0.68
0.74
Propagation Time
tPLH
2.97
8.18
Output Buffer
BOUT6
tPHL
1.96
4.23
tPLH
2.49
6.42
tPLH
1.74
3.47
TTL Compatible I/O Buffer
BIOT12
tPZH
3.27
7.17
Enable Time
tPZL
1.60
3.30
tPLH
2.49
6.42
Propagation Time
tPHL
1.74
3.47
Tri-State Output Buffer
B3STA12
tPZH
3.27
7.17
Enable Time
tPZL
1.60
3.30
Notes
a. Fan-outs are three internal loads for NAND2 and NAND4, four loads for all other internal macros and input buffers. Loading of BOUT6 is
20 pF, BIOT12 and B3STA12 are 30 pF.
b. Fan-outs are six internal loads for NAND2, seven loads for NAND4, nine loads for all other internal macros and eight for the input buffer.
Loading of BOUT6 is 80 pF, BIOT12 and B3STA12 are 120 pF.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com