Electronic Components Datasheet Search
  English  ▼

X  

UG90 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # UG90
Description  0.6um ULC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG90 Datasheet(HTML) 1 Page - ATMEL Corporation

  UG90 Datasheet HTML 1Page - ATMEL Corporation UG90 Datasheet HTML 2Page - ATMEL Corporation UG90 Datasheet HTML 3Page - ATMEL Corporation UG90 Datasheet HTML 4Page - ATMEL Corporation UG90 Datasheet HTML 5Page - ATMEL Corporation UG90 Datasheet HTML 6Page - ATMEL Corporation UG90 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UG Series
5–1
Rev. B
– 25 May. 98
Description
The UG series of ULCs is well suited for conversion of
medium- to-large sized CPLDs and FPGAs. Devices are
implemented in high-performance CMOS technology
with 0.6-
µm (drawn) channel lengths, and are capable of
supporting flip-flop toggle rates of 350 MHz, operating
clock frequencies up to 150 MHz and input to output
delays as fast as 5 ns.
The architecture of the UG series allows for efficient
conversion of many PLD architectures and FPGA
device types. A compact RAM cell, along with the large
number of available gates allows the implementation of
RAM in FPGA architectures that support this feature, as
well as JTAG boundary-scan and scan-path testing.
Conversion to the UG series of ULC can provide a
significant
reduction
in
operating
power
when
compared to the original PLD or FPGA.
This
is
especially true when compared to many PLD and CPLD
architecture devices, which typically consume 100 mA
or more even when not being clocked. The UG series has
a very low standby consumption of 0.4 nA/gate
typically, which would yield a standby current of 4 mA
on a 10,000 gate design. Operating consumption is a
strict function of clock frequency, which typically
results in a power reduction of 50% to 90% depending
on the device being compared.
The UG series provides several options for output
buffers, including a variety of drive levels up to 24 mA.
Schmitt trigger inputs are also an option. A number of
techniques are used for improved noise immunity and
reduced
EMC
emissions,
including:
several
independent
power
supply
busses
and
internal
decoupling for isolation; slew rate limited outputs are
also available as required.
The UG series is designed to allow conversions of high
performance 3.3V devices as well as 5.0V devices.
Support of mixed supply conversions is also possible,
allowing optimal trade-offs between speed and power
consumption.
Features
D High performance ULC family suitable for
medium- to large-sized CPLDs and FPGAs
D Conversions to over 200,000 FPGA gates
D Pin counts to over 300 pins
D Any pin-out matched due to limited number of
dedicated pads
D Advanced 0.6-µm (drawn)/0.45-µm (effective)
feature size
D Triple-layer or dual-layer metal CMOS
technology
D High speed performance:
–
250-ps typical cell delay
–
350-MHz toggle rate
D Full range of packages: DIP, SOIC, LCC/PLCC,
PQFP/TQFP, PGA/PPGA
D 3.3V and/or 5.0V operation.
D Low quiescent current: 0.4 nA/gate
D Available in commercial, industrial, automotive,
military and space grades.
0.6
µm ULC Series


Similar Part No. - UG90

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
UG96 QUECTEL-UG96 Datasheet
1Mb / 2P
Compact UMTS/HSPA Module
logo
Unisonic Technologies
UG9H UTC-UG9H Datasheet
129Kb / 3P
GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS)
UG9HG-AG6-R UTC-UG9HG-AG6-R Datasheet
131Kb / 3P
DUAL DIGITAL TRANSISTORS
UG9HL-AG6-R UTC-UG9HL-AG6-R Datasheet
129Kb / 3P
GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS)
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
DUAL DIGITAL TRANSISTORS
More results

Similar Description - UG90

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATU18 ATMEL-ATU18 Datasheet
186Kb / 12P
0.18um ULC Series with Embedded DPRAM
UA1E ATMEL-UA1E Datasheet
152Kb / 11P
0.35 um ULC Series with Embedded DPRAM
logo
Molex Electronics Ltd.
0850130361 MOLEX9-0850130361 Datasheet
129Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Style R Reverse,0.6um (24u") Selective Gold (Au), 32 Circuits
0850131108 MOLEX9-0850131108 Datasheet
141Kb / 5P
2.54mm (.100") Pitch DIN 41612 Header, Vertical, Style R Reverse, 0.6um (24u") Selective Gold (Au)
logo
ATMEL Corporation
UA1 ATMEL-UA1 Datasheet
125Kb / 8P
0.35 關m ULC
logo
TDK Electronics
SD01005SL-ULC101 TDK-SD01005SL-ULC101 Datasheet
563Kb / 12P
WL-CSP01005 Slim-line, ULC type
2021-04-07 Version: 1
SD01005SL-ULC102 TDK-SD01005SL-ULC102 Datasheet
665Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-07-14 Version: 1
SD0201SL-ULC101 TDK-SD0201SL-ULC101 Datasheet
419Kb / 12P
WL-CSP0201 Slim-line, ULC type
2021-04-07 Version: 1
SD0201SL-ULC102 TDK-SD0201SL-ULC102 Datasheet
612Kb / 14P
Ultra-low clamping and capacitance (ULC) type
2022-10-12 Version: 1
logo
UN Semiconducctor INC
ESD05V72T-ULC UNSEMI-ESD05V72T-ULC Datasheet
124Kb / 1P
ESD05V72T-ULC
2023-06-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com