Electronic Components Datasheet Search
  English  ▼

X  

UG90 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # UG90
Description  0.6um ULC Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

UG90 Datasheet(HTML) 5 Page - ATMEL Corporation

  UG90 Datasheet HTML 1Page - ATMEL Corporation UG90 Datasheet HTML 2Page - ATMEL Corporation UG90 Datasheet HTML 3Page - ATMEL Corporation UG90 Datasheet HTML 4Page - ATMEL Corporation UG90 Datasheet HTML 5Page - ATMEL Corporation UG90 Datasheet HTML 6Page - ATMEL Corporation UG90 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UG Series
5–5
Rev. B
– 25 May. 98
Derating Factors: tP = KP x Kt x KV x tNOMINAL
Process
Process
Best
Nominal
Worst
KP
0.82
1.00
1.28
Ambient Temperature
_C
TA
–55
–40
0
25
70
85
125
KT
0.74
0.79
0.92
1.00
1.15
1.20
1.32
Supply Voltage
VDD
2.7
3
3.13
3.3
3.47
3.6
4
4.5
4.75
5
5.25
5.5
KV
1.89
1.66
1.58
1.49
1.41
1.35
1.23
1.1
1.05
1
0.96
0.93
External Timing Characteristics
(Over the Operating Range)
These timing parameters are provided for information
only.
Actual
pin-to-pin
timing
characteristics
guaranteed for ULCs are determined by the original
FPGA or PLD data sheet plus any specific parameters
that are agreed to separately by Atmel Wireless &
Microcontrollers.
Max
Parameter
Symbol
Base Part
SSO
Min
Typ
Max
Unit
UG01
5.0
7.5
UG04–UG09
6.0
9.0
Propagation Time
tPD
UG14–UG20
7.0
10.5
UG33–UG90
8.5
13.0
UG120–UG140
9.5
14.5
UG01
32
6.5
10.0
UG04–UG09
50
7.5
11.5
Clock Delay Time
tCO
UG14–UG20
100
8.5
13.0
UG33–UG90
220
10.0
15.0
ns
UG120–UG140
300
11.0
16.5
Hold Time
tH
0.0
UG01
32
6.5
10.0
UG04–UG09
50
7.5
11.5
Output Enable Time
tEN
UG14–UG20
100
8.5
13.0
UG33–UG90
220
10.0
15.0
UG120–UG140
300
11.0
16.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com