Electronic Components Datasheet Search
  English  ▼

X  

LM3208TLX Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3208TLX
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3208TLX Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM3208TLX Datasheet HTML 1Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 2Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 3Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 4Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 5Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 6Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Note 6: Junction-to-ambient thermal resistance (
θJA) is taken from thermal measurements, performed under the conditions and guidelines set forth in the JEDEC
standard JESD51-7. A 4 layer, 4" x 4", 2/1/1/2 oz. Cu board as per JEDEC standards is used for the measurements.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm. Due
to the pulsed nature of the testing TA =TJ for the electrical characteristics table.
Note 8: The parameters in the electrical characteristics table are tested under open loop conditions at PVIN =VDD = 3.6V unless otherwise specified. For
performance over the input voltage range and closed-loop results, refer to the datasheet curves.
Note 9: Shutdown current includes leakage current of PFET.
Note 10: IQ specified here is when the part is not switching. For operating quiescent current at no load, refer to datasheet curves.
Note 11: Current limit is built-in, fixed, and not adjustable. Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped
up until cycle by cycle limit is activated). Refer to System Characteristics table for maximum output current.
Note 12: Ripple voltage should be measured at COUT electrode on a well-designed PC board and using the suggested inductor and capacitors.
Note 13: National Semiconductor recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper ESD handling
procedures can result in damage.
Note 14: Linearity limits are ±3% or ±50mV whichever is larger.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com