Electronic Components Datasheet Search
  English  ▼

X  

LM3208TLX Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3208TLX
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3208TLX Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3208TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 9Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 10Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 11Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 12Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 13Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 14Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 15Page - National Semiconductor (TI) LM3208TLX Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Block Diagram
Operation Description
The LM3208 is a simple, step-down DC-DC converter opti-
mized for powering RF power amplifiers (PAs) in mobile
phones, portable communicators, and similar battery pow-
ered RF devices. It is designed to allow the RF PA to operate
at maximum efficiency over a wide range of power levels
from a single Li-Ion battery cell. It is based on a current-
mode buck architecture, with synchronous rectification for
high efficiency. It is designed for a maximum load capability
of 650mA when V
OUT > 1.05V (typ.) and 400mA when VOUT
< 1.00V (typ.) in PWM mode.
Maximum load range may vary from this depending on input
voltage, output voltage and the inductor chosen.
Efficiency is typically around 95% for a 400mA load with 3.4V
output, 3.9V input. The LM3208 has an R
DSON management
scheme to increase efficiency when V
OUT
≤ 1V. The output
voltage is dynamically programmable from 0.8V to 3.6V by
adjusting the voltage on the control pin without the need for
external feedback resistors. This prolongs battery life by
changing the PA supply voltage dynamically depending on
its transmitting power.
Additional features include current overload protection and
thermal overload shutdown.
The LM3208 is constructed using a chip-scale 8-pin micro
SMD package. This package offers the smallest possible
size, for space-critical applications such as cell phones,
where board area is an important design consideration. Use
of a high switching frequency (2MHz, typ.) reduces the size
of external components. As shown in Figure 1, only three
external power components are required for implementation.
Use of a micro SMD package requires special design con-
siderations for implementation. (See Micro SMD Package
Assembly and use in the Applications Information section.)
Its fine bump-pitch requires careful board design and preci-
sion assembly equipment. Use of this package is best suited
for opaque-case applications, where its edges are not sub-
ject to high-intensity ambient red or infrared light. In addition,
the system controller should set EN low during power-up and
other low supply voltage conditions. (See Shutdown Mode in
the Device Information section.)
20166304
FIGURE 2. Functional Block Diagram
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com