Electronic Components Datasheet Search
  English  ▼

X  

UPD62 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # UPD62
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD62 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button UPD62 Datasheet HTML 12Page - Renesas Technology Corp UPD62 Datasheet HTML 13Page - Renesas Technology Corp UPD62 Datasheet HTML 14Page - Renesas Technology Corp UPD62 Datasheet HTML 15Page - Renesas Technology Corp UPD62 Datasheet HTML 16Page - Renesas Technology Corp UPD62 Datasheet HTML 17Page - Renesas Technology Corp UPD62 Datasheet HTML 18Page - Renesas Technology Corp UPD62 Datasheet HTML 19Page - Renesas Technology Corp UPD62 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
14
µPD62
Data Sheet U14208EJ1V0DS00
3. PORT REGISTERS (PX)
The KI/O port, the KI port, the special ports (S0, S1/LED), and the control register are treated as port registers.
At reset, port register values are shown below.
Figure 3-1. Port Register Organization
Note
×: Refers to the value based on the KI pin state.
Table 3-1. Relationship between Ports and their Read/Write
Port Name
INPUT Mode
OUTPUT Mode
Read
Write
Read
Write
KI/O
Pin state
Output latch
Output latch
Output latch
KI
Pin state
—
—
—
S0
Pin state
—
Note
—
S1/LED
Pin state
—
Pin state
—
Note When in OFF mode, “1” is normally read.
Port Register
P0
KI/O7
P00
At Reset
FFH
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
P10
P1
KI3
P01
× FHNote
KI2
KI1
KI0
S1/LED
S0
11
P11
P3 (Control register 0)
0
P03
03H
0DP9
DP8
TCTL
CARY
MOD1
MOD0
P13
P4 (Control register 1)
0
P04
26H
0
KI
pull-down
S0/S1
pull-down
0
S1/LED mode
KI/O mode
S0 mode
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com