Electronic Components Datasheet Search
  English  ▼

X  

UPD62 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # UPD62
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD62 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button UPD62 Datasheet HTML 14Page - Renesas Technology Corp UPD62 Datasheet HTML 15Page - Renesas Technology Corp UPD62 Datasheet HTML 16Page - Renesas Technology Corp UPD62 Datasheet HTML 17Page - Renesas Technology Corp UPD62 Datasheet HTML 18Page - Renesas Technology Corp UPD62 Datasheet HTML 19Page - Renesas Technology Corp UPD62 Datasheet HTML 20Page - Renesas Technology Corp UPD62 Datasheet HTML 21Page - Renesas Technology Corp UPD62 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
16
µPD62
Data Sheet U14208EJ1V0DS00
3.2 KI Port/Special Ports (P1)
3.2.1 KI port (P11: bits 4-7 of P1)
The KI port is to the 4-bit input port for key entry.
The pin state can be read.
Software can be used to set the availability of the pull-down resistor of the KI port in 4-bit units by means of bit
5 of the P4 register.
When reset, the pull-down resistor is connected.
Table 3-3. KI/Special Port Register (P1)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
KI3
KI2
KI1
KI0
S1/LED
S0
(Fixed to “1”)
b2
: In INPUT mode, state of the S0 pin is read (Read only).
In OFF mode, this bit is fixed to “1”.
b3
: The state of the S1/LED pin is read regardless of INPUT/OUTPUT mode (Read only).
b4-b7
: The state of the KI pin is read (Read only).
Caution In order to prevent malfunction, be sure to input a low level to more than one of pins KI0 to KI3
when reset is released (when RESET pin changes from low level to high level, or POC is released
due to supply voltage startup).
3.2.2 S0 port (bit 2 of P1)
The S0 port is the INPUT/OFF mode port.
The pin state can be read by setting this port to INPUT mode with bit 0 of the P4 register.
In INPUT mode, software can be used to set the availability of the pull-down resistor of the S0 and S1/LED port
in 2-bit units by means of bit 4 of the P4 register.
If INPUT mode is canceled (thus set to OFF mode), the pin becomes high-impedance but it also makes that the
through current does not flow internally. In OFF mode, “1” can be read regardless of the pin state.
When reset, it is set to OFF mode, thus becoming high-impedance.
3.2.3 S1/LED (bit 3 of P1)
The S1/LED port is the input/output port.
It uses bit 2 of the P4 register to set INPUT or OUTPUT mode. The pin state can be read in both INPUT mode
and OUTPUT mode.
When in INPUT mode, software can be used to set the availability of the pull-down resistor of the S0 and
S1/LED ports in 2-bit units by means of bit 4 of the P4 register.
When in OUTPUT mode, the pull-down resistor is automatically disconnected thus becoming the remote control
transmission display pin (refer to 4. TIMER).
When reset, it is placed in OUTPUT mode, and high level is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com