| Electronic Components Datasheet Search |
|
UPD64A Datasheet(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
UPD64A Datasheet(HTML) 40 Page - Renesas Technology Corp |
|
40 / 66 page ![]() 38 µPD64A, 65 Data Sheet U14380EJ3V0DS00 XRL A, @R0H XRL A, @R0L <1> Instruction code: 1 010 0/1 1000 0 <2> Cycle count: 1 <3> Function: (A) ← (A) ∨ (P13), (R0))7-4 (in the case of XRL A, @R0H) CY ← A3 • ROM7 (A) ← (A) ∨ (P13), (R0))3-0 (in the case of XRL A, @R0L) CY ← A3 • ROM3 The accumulator contents and the program memory contents specified with the control register P13 and register pair R10-R00 are exclusive-ORed and the results are entered in the accumulator. If H is specified, b7, b6, b5, and b4 take effect. If L is specified, b3, b2, b1, and b0 take effect. XRL A, #data4 <1> Instruction code: 1 01011000 1 0 00000 d3 d2 d1 d0 <2> Cycle count: 1 <3> Function: (A) ← (A) ∨ data4 CY ← A3 • data43 The accumulator contents and the immediate data are exclusive-ORed and the results are entered in the accumulator. INC A <1> Instruction code: 1 01001001 1 <2> Cycle count: 1 <3> Function: (A) ← (A) + 1 If A = 0 CY ← 1 else CY ← 0 The accumulator contents are incremented (+1). RL A <1> Instruction code: 1 11001001 1 <2> Cycle count: 1 <3> Function: (An + 1) ← (An), (A0) ← (A3) CY ← A3 The accumulator contents are rotated counterclockwise bit by bit. RLZ A <1> Instruction code: 1 11101001 1 <2> Cycle count: 1 <3> Function: If A = 0 reset else (An + 1) ← (An), (A0) ← (A3) CY ← A3 The accumulator contents are rotated counterclockwise bit by bit. If A = 0H at the time of instruction execution, an internal reset takes effect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |