Electronic Components Datasheet Search
  English  ▼

X  

UPD64A Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD64A
Description  MOS INTEGRATED CIRCUIT
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD64A Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD64A Datasheet HTML 53Page - Renesas Technology Corp UPD64A Datasheet HTML 54Page - Renesas Technology Corp UPD64A Datasheet HTML 55Page - Renesas Technology Corp UPD64A Datasheet HTML 56Page - Renesas Technology Corp UPD64A Datasheet HTML 57Page - Renesas Technology Corp UPD64A Datasheet HTML 58Page - Renesas Technology Corp UPD64A Datasheet HTML 59Page - Renesas Technology Corp UPD64A Datasheet HTML 60Page - Renesas Technology Corp UPD64A Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 66 page
background image
55
µPD64A, 65
Data Sheet U14380EJ3V0DS00
15. RECOMMENDED SOLDERING CONDITIONS
The
µPD64A and 65 should be soldered and mounted under the following recommended conditions.
For the details of the recommended soldering conditions, refer to the document Semiconductor Device
Mounting Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact your NEC sales representa-
tive.
Table 15-1. Surface Mounting Type Soldering Conditions
µPD64AMC-×××-5A4: 20-pin plastic SSOP (7.62 mm (300))
µPD65MC-×××-5A4:
20-pin plastic SSOP (7.62 mm (300))
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, time: 30 seconds max. (210°C or higher),
IR35-00-3
count: three times or less
VPS
Package peak temperature: 215
°C, time: 40 seconds max. (200°C or higher),
VP15-00-3
count: three times or less
Wave soldering
Solder bath temperature: 260
°C max., time: 10 seconds max, count: once,
WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature)
Partial heating
Pin temperature: 300
°C max., time: 3 seconds max. (per pin row)
—
Caution Do not use different soldering methods together (except for partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com