Electronic Components Datasheet Search
  English  ▼

X  

1622012 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1622012
Description  SH-8EPS48A8LDL - Cable connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622012 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1622012 Datasheet HTML 1Page - PHOENIX CONTACT 1622012 Datasheet HTML 2Page - PHOENIX CONTACT 1622012 Datasheet HTML 3Page - PHOENIX CONTACT 1622012 Datasheet HTML 4Page - PHOENIX CONTACT 1622012 Datasheet HTML 5Page - PHOENIX CONTACT 1622012 Datasheet HTML 6Page - PHOENIX CONTACT 1622012 Datasheet HTML 7Page - PHOENIX CONTACT 1622012 Datasheet HTML 8Page - PHOENIX CONTACT 1622012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Product properties
Product type
Circular connector (cable-side)
Connector
Insulating body
Note
Order information: Crimp contacts, 8 x Ø 1 mm, 5 x Ø 2 mm,
order separately
Protection against electric shock
IEC 61984 and VDE 0623
Coding
N
Insulation body material
PA 6.6
Insertion/withdrawal cycles
100
Connection method
Crimp connection
Contact switching type
Pin
Application
Hybrid
Number of positions
13
Connection profile
8+4+PE
Contact diameter
Power contacts
2 mm
Litz wire cross-section
Power contacts min.
0.25 mm²
Litz wire cross-section
Power contacts max.
4 mm²
Rated current
Power contacts
30 A
Rated surge voltage
6 kV
Rated voltage (II/3) power contact
850 V DC
Rated voltage (III/3) power contact
630 V AC
Contact diameter
Signal contacts
1 mm
Litz wire cross-section
Signal contacts min.
0.06 mm²
Litz wire cross-section
Signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Note
for max. connection cross section
Rated surge voltage
1.5 kV
Rated voltage (III/3) signal contact
50 V
Installation height
2000 m
Housing
Notes on operation
Full occupation with 5 x 4 mm² for cable and coupler connectors
not possible.
Housing material
Turned parts: copper zinc alloy (CuZn), die-cast parts: zinc (GD-
Zn)
Type of locking
Screw locking
Pg screw connection
none
IP67
Degree of protection (plugged in)
IP68
SH-8EPS48A8LDL - Cable connector
1622012
https://www.phoenixcontact.com/us/products/1622012
Aug 22, 2023, 1:23 AM
Page 3 (15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com