Electronic Components Datasheet Search
  English  ▼

X  

1622012 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1622012
Description  SH-8EPS48A8LDL - Cable connector
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1622012 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1622012 Datasheet HTML 1Page - PHOENIX CONTACT 1622012 Datasheet HTML 2Page - PHOENIX CONTACT 1622012 Datasheet HTML 3Page - PHOENIX CONTACT 1622012 Datasheet HTML 4Page - PHOENIX CONTACT 1622012 Datasheet HTML 5Page - PHOENIX CONTACT 1622012 Datasheet HTML 6Page - PHOENIX CONTACT 1622012 Datasheet HTML 7Page - PHOENIX CONTACT 1622012 Datasheet HTML 8Page - PHOENIX CONTACT 1622012 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
M23, Cable connector, series: SH, straight long, shielded: yes, Screw locking, No. of pos.:
8+4+PE, contact connection type: Pin, Crimp connection, cable diameter range: 7.5 mm ... 18
mm, coding: N, Alternative product in accordance with RoHS II without Exemption 6c (Pb <0.1%)
item no.: 1244514
Your advantages
All housing can be fitted with pin or socket contacts
•
A total of eight contacts are available for signal transmission
•
Reduced connection time with optional SPEEDCON fast locking system
•
Safe use in the field, thanks to high degree of protection
•
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Commercial Data
Item number
1622012
Packing unit
1 pc
Minimum order quantity
1 pc
Sales Key
AB35
Product Key
ABRCDA
Catalog Page
Page 118 (C-2-2019)
GTIN
4055626011868
Weight per Piece (including packing)
142.7 g
Weight per Piece (excluding packing)
120 g
Customs tariff number
85366990
Country of origin
DE
SH-8EPS48A8LDL - Cable connector
1622012
https://www.phoenixcontact.com/us/products/1622012
Aug 22, 2023, 1:23 AM
Page 1 (15)


Similar Part No. - 1622012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1622010 PHOENIX-1622010 Datasheet
653Kb / 20P
SH-8EPC58A8LB2 - Cable connector
1622011 PHOENIX-1622011 Datasheet
679Kb / 20P
SH-8EPC58A8LB1 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622014 PHOENIX-1622014 Datasheet
502Kb / 16P
SH-8EPS48A8LB3 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
More results

Similar Description - 1622012

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621517 PHOENIX-1621517 Datasheet
363Kb / 9P
Cable connector - SH-8ESC58A8LDLS
02/04/2022
1621521 PHOENIX-1621521 Datasheet
362Kb / 9P
Cable connector - SH-8ESC58A8LB3S
02/04/2022
1621997 PHOENIX-1621997 Datasheet
84Kb / 7P
Cable connector - SH-8ESC58A8LDL
08/23/2016
1621528 PHOENIX-1621528 Datasheet
618Kb / 15P
SH-8ESS48A8LB1S - Cable connector
1621538 PHOENIX-1621538 Datasheet
605Kb / 15P
SH-8EPS48A8LB1S - Cable connector
1622006 PHOENIX-1622006 Datasheet
584Kb / 15P
SH-8ESS48A8LB1 - Cable connector
1622015 PHOENIX-1622015 Datasheet
570Kb / 15P
SH-8EPS48A8LB2 - Cable connector
1622013 PHOENIX-1622013 Datasheet
570Kb / 15P
SH-8EPS48A8LB4 - Cable connector
1622008 PHOENIX-1622008 Datasheet
691Kb / 18P
SH-8EPC58A8LB4 - Cable connector
1244516 PHOENIX-1244516 Datasheet
522Kb / 14P
SH-8EPS48A8LB3X - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com