Electronic Components Datasheet Search
  English  ▼

X  

IP4233CZ6 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # IP4233CZ6
Description  Ultra low capacitance ESD protection for Ethernet ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4233CZ6 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  IP4233CZ6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1.
Product profile
1.1 General description
The IP4233CZ6 is designed to protect Input/Output (I/O) ports that are sensitive to
capacitive loads, such as Ethernet, from destruction by ElectroStatic Discharge (ESD).
The IP4233CZ6 incorporates two pairs of ultra low capacitance back-to-back diodes
which protect components from ESD voltages as high as
±8 kV contact discharge
according to IEC 61000-4-2, level 4.
The back-to-back diodes prevent negative clipping of AC signals and voltages below zero.
The IP4233CZ6 is fabricated using monolithic silicon technology integrating two ultra low
capacitance back-to-back ESD protection diodes in a very small 6-lead SOT363 package.
1.2 Features and benefits
Pb-free and Restriction of Hazardous Substances (RoHS) compliant
ESD protection compliant to IEC 61000-4-2 level 4,
±8 kV contact discharge
Two low input capacitance (0.9 pF typical) back-to-back ESD protection diodes
Very small 6-lead SOT363 package
1.3 Applications
ESD protection high-frequency AC-coupled Ethernet ports
1.4 Quick reference data
[1]
Guaranteed by design.
[2]
Pins 2 to 6 and pins 3 to 5.
IP4233CZ6
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3 — 17 June 2010
Product data sheet
Table 1.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VESD
electrostatic
discharge voltage
all pins; IEC 61000-4-2,
level 4; contact discharge
--
±8kV
C(I/O-GND) input/output to
ground capacitance
VI =0 V; f =1 MHz
[1][2] -0.9
1.3
pF


Similar Part No. - IP4233CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4233CZ6 PHILIPS-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
IP4233CZ6 NXP-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
More results

Similar Description - IP4233CZ6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4233CZ6 PHILIPS-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
IP4233CZ6 NXP-IP4233CZ6 Datasheet
223Kb / 11P
Ultra low capacitance ESD protection for Ethernet ports
Rev. 3-17 June 2010
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
Ultra Low Capacitance ESD Protection
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
Ultra low capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
logo
First Silicon Co., Ltd
FPD2E1B06DRLR FS-FPD2E1B06DRLR Datasheet
313Kb / 4P
Ultra low capacitance ESD Protection for Ethernetports
2022. 06. 24 Revision No : 0
FPD4E05U06DQAR FS-FPD4E05U06DQAR Datasheet
571Kb / 4P
Ultra low capacitance ESD Protection for Ethernet ports
2022. 06. 24 Revision No : 0
logo
Pan Jit International I...
PE1605S1Q PANJIT-PE1605S1Q Datasheet
268Kb / 5P
ULTRA LOW CAPACITANCE ESD PROTECTION
January 22,2019-REV.00
PE1805C4C5 PANJIT-PE1805C4C5 Datasheet
364Kb / 5P
Ultra Low Capacitance ESD Protection
April 20,2016-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com