Electronic Components Datasheet Search
  English  ▼

X  

IP4233CZ6 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # IP4233CZ6
Description  Ultra low capacitance ESD protection for Ethernet ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

IP4233CZ6 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  IP4233CZ6 Datasheet HTML 1Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 2Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 3Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 4Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 5Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 6Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 7Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 8Page - Nexperia B.V. All rights reserved IP4233CZ6 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© Nexperia B.V. 2017. All rights reserved
IP4233CZ6
All information provided in this document is subject to legal disclaimers.
.
Product data sheet
Rev. 3 — 17 June 2010
2 of 11
Nexperia
IP4233CZ6
Ultra low capacitance ESD protection for Ethernet ports
2.
Pinning information
3.
Ordering information
4.
Limiting values
5.
Characteristics
[1]
Guaranteed by design.
[2]
Pins 2 to 6 and pins 3 to 5.
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
not connected
2
ESD protection I/O channel 1
3
ESD protection I/O channel 2
4
not connected
5
ESD protection I/O channel 2
6
ESD protection I/O channel 1
13
2
4
5
6
018aaa013
1
2
3
6
5
4
Table 3.
Ordering information
Type number
Package
Name
Description
Version
IP4233CZ6
SC-88
plastic surface-mounted package; 6 leads
SOT363
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-
±5.5
V
VESD
electrostatic discharge
voltage
all pins; IEC 61000-4-2,
level 4; contact discharge
-
±8kV
Tstg
storage temperature
−55
+125
°C
Tamb
ambient temperature
−40
+85
°C
Table 5.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C(I/O-GND)
input/output to
ground capacitance
VI =0V; f=1MHz
[1][2] -0.9
1.3
pF
IRM
reverse leakage current VI =3.0 V
[2] -
-
100
nA
VBR
breakdown voltage
back-to-back diode;
I= 5mA
6-
9.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com