Electronic Components Datasheet Search
  English  ▼

X  

HSMP-389F Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HSMP-389F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-389F Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HSMP-389F Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Typical Performance, T
C = 25°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 11. Forward Current vs.
Forward Voltage. HSMP-381B/C/E/F
Series and HSMP-481B.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 13. Forward Current vs.
Forward Voltage. HSMP-386B/C/E/F
Series.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (V)
Figure 14. Forward Current vs.
Forward Voltage. HSMP-389B/C/E/F
Series and HSMP-489B.
125
°C 25°C –50°C
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
VF – FORWARD VOLTAGE (mA)
Figure 12. Forward Current vs.
Forward Voltage. HSMP-482B.
125
°C 25°C –50°C
200
160
120
80
40
0
10
20
15
25
30
FORWARD CURRENT (mA)
Figure 10. Typical Reverse Recovery
Time vs. Reverse Voltage.
HSMP-389B/C/E/F Series.
VR = –2V
VR = –5V
VR = –10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com