Electronic Components Datasheet Search
  English  ▼

X  

HSMP-389F Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMP-389F
Description  Surface Mount PIN Diodes in SOT-323 (SC-70 3-Lead)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMP-389F Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMP-389F Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMP-389F Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Figure 25. Circuit Layout.
Co-Planar Waveguide
Shunt Connection for
HSMP-48XB Series
Co-Planar waveguide, with ground
on the top side of the printed
circuit board, is shown in
Figure 25. Since it eliminates the
need for via holes to ground, it
offers lower shunt parasitic
inductance and higher maximum
attenuation when compared to a
microstrip circuit.
Co-Planar Waveguide
Groundplane
Center Conductor
Groundplane
Typical Applications for HSMP-48XX Low Inductance Series
(continued)
*0.8 pF TYPICAL FOR HSMP-482B
Figure 26. Equivalent Circuit.
0.3 pF*
0.75 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com