Electronic Components Datasheet Search
  English  ▼

X  

PLUS16R8 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLUS16R8
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R8 Datasheet(HTML) 4 Page - NXP Semiconductors

  PLUS16R8 Datasheet HTML 1Page - NXP Semiconductors PLUS16R8 Datasheet HTML 2Page - NXP Semiconductors PLUS16R8 Datasheet HTML 3Page - NXP Semiconductors PLUS16R8 Datasheet HTML 4Page - NXP Semiconductors PLUS16R8 Datasheet HTML 5Page - NXP Semiconductors PLUS16R8 Datasheet HTML 6Page - NXP Semiconductors PLUS16R8 Datasheet HTML 7Page - NXP Semiconductors PLUS16R8 Datasheet HTML 8Page - NXP Semiconductors PLUS16R8 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
39
LOGIC DIAGRAM
PLUS16L8
NOTES:
1.
All unprogrammed or virgin “AND” gate locations are pulled to logic “0”.
2.
Programmable connections.
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
O0
B1
B2
B3
B4
B5
B6
O7
INPUTS (0–31)
0
31
0
7
8
16
15
23
24
31
32
39
40
47
48
55
56
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com