Electronic Components Datasheet Search
  English  ▼

X  

PLUS16R8 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PLUS16R8
Description  PAL devices
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS16R8 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PLUS16R8 Datasheet HTML 8Page - NXP Semiconductors PLUS16R8 Datasheet HTML 9Page - NXP Semiconductors PLUS16R8 Datasheet HTML 10Page - NXP Semiconductors PLUS16R8 Datasheet HTML 11Page - NXP Semiconductors PLUS16R8 Datasheet HTML 12Page - NXP Semiconductors PLUS16R8 Datasheet HTML 13Page - NXP Semiconductors PLUS16R8 Datasheet HTML 14Page - NXP Semiconductors PLUS16R8 Datasheet HTML 15Page - NXP Semiconductors PLUS16R8 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS16R8D/-7 SERIES
PAL devices
16L8, 16R8, 16R6, 16R4
September 10, 1993
47
TEST LOAD CIRCUIT
+5V
CL
R1
R2
S1
C2
C1
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
GND
CLK
In
I0
B0/O0
Qn
DUT
Bn/On
Q0
OE
INPUTS
OUTPUT REGISTER SKEW
tSKW
1.5V
1.5V
3V
0V
3V
0V
3V
0V
CLK
Qn
(REGISTERED OUTPUT)
Qn + 1
(REGISTERED OUTPUT)
CLOCK TO FEEDBACK PATH
CLK
D
tIS
tCKF
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com