Electronic Components Datasheet Search
  English  ▼

X  

MMA041AA Datasheet(PDF) 8 Page - Microchip Technology

Part # MMA041AA
Description  DC - 25 GHz GaAs MMIC Distributed LNA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA041AA Datasheet(HTML) 8 Page - Microchip Technology

Back Button MMA041AA Datasheet HTML 4Page - Microchip Technology MMA041AA Datasheet HTML 5Page - Microchip Technology MMA041AA Datasheet HTML 6Page - Microchip Technology MMA041AA Datasheet HTML 7Page - Microchip Technology MMA041AA Datasheet HTML 8Page - Microchip Technology MMA041AA Datasheet HTML 9Page - Microchip Technology MMA041AA Datasheet HTML 10Page - Microchip Technology MMA041AA Datasheet HTML 11Page - Microchip Technology MMA041AA Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Table 1-2. Absolute Maximum Ratings
Parameter
Rating
Drain bias voltage (VDD)
+ 8V
VD Current (IDD)
300 mA
DC Power Dissipation (T = + 85 °C)
2.4W
RF Input Power (Pin)
+ 19 dBm
First Gate bias voltage (VG1)
– 2V to + 0.5V
Second Gate bias voltage (VG2)
VD +/– 20%
Channel Temperature
150 °C
Thermal Resistance
18 °C/W
Operating Temperature
– 55 °C to + 85 °C
Storage Temperature
– 65 °C to + 150 °C
ESD Sensitive Device
MMA041PP5
Electrical Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Draft Complete Datasheet
B-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com