Electronic Components Datasheet Search
  English  ▼

X  

MMA041AA Datasheet(PDF) 1 Page - Microchip Technology

Part # MMA041AA
Description  DC - 25 GHz GaAs MMIC Distributed LNA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MMA041AA Datasheet(HTML) 1 Page - Microchip Technology

  MMA041AA Datasheet HTML 1Page - Microchip Technology MMA041AA Datasheet HTML 2Page - Microchip Technology MMA041AA Datasheet HTML 3Page - Microchip Technology MMA041AA Datasheet HTML 4Page - Microchip Technology MMA041AA Datasheet HTML 5Page - Microchip Technology MMA041AA Datasheet HTML 6Page - Microchip Technology MMA041AA Datasheet HTML 7Page - Microchip Technology MMA041AA Datasheet HTML 8Page - Microchip Technology MMA041AA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MMA041PP5
DC – 25 GHz GaAs MMIC Distributed LNA
Product Overview
MMA041PP5 is a gallium arsenide (GaAs) monolithic microwave integrated circuit (MMIC) pseudomorphic high-
electron-mobility transistor (pHEMT) distributed low noise amplifier in a leadless 5 mm × 5 mm surface-mount
package that operates between DC and 25 GHz. It is ideal for test instrumentation, wideband military and space
applications. The amplifier provides a flat gain of 17 dB, 2.5 dB noise figure, and 21 dBm of output power at 1 dBm
gain compression while requiring only 150 mA from a 7 V supply. Output IP3 is typically 35 dBm. The MMA041PP5
amplifier features RF I/Os that are internally matched to 50 Ω. It is also available in die form as the MMA041AA.
Key Features
• Broadband performance: DC to 26 GHz
• High gain: 18.5 dB
• Low noise figure: 3.2 dB
• High output IP3: + 36 dBm
• Positive supply : + 7V @ 150 mA
• 50Ω matched I/O
• Compact die size: 3 mm × 1.3 mm × 0.1 mm
Amplifier Functional Diagram
Applications
• Test and measurement instrumentation
• Military and space
• Wideband microwave radios
• Microwave and mm-Wave communication systems
Performance Overview
Parameter
Typ.
Units
Frequency range
DC – 26
GHz
Gain
18.5
dB
NF
2
dB
Output IP3
+ 36
dBm
P1dB
+ 22
dBm
Export Classification: EAR99
NF Performances
© 2022 Microchip Technology Inc.
and its subsidiaries
Draft Complete Datasheet
B-page 1


Similar Part No. - MMA041AA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
logo
Microchip Technology
MMA047CP4 MICROCHIP-MMA047CP4 Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
MMA047CP4/TR MICROCHIP-MMA047CP4/TR Datasheet
1Mb / 24P
4 GHz to 14 GHz GaAs MMIC LNA with High Input Power Handling
A 10/2024
More results

Similar Description - MMA041AA

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
22DSBA0423 MIMIX-22DSBA0423 Datasheet
449Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001 MIMIX-XD1001 Datasheet
341Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002 MIMIX-XD1002 Datasheet
336Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1004-BD MIMIX-XD1004-BD Datasheet
529Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1004-QT MIMIX-XD1004-QT Datasheet
190Kb / 5P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier, QFN
XD1005-BD MIMIX-XD1005-BD Datasheet
314Kb / 6P
10.0-40.0 GHz GaAs MMIC Distributed Amplifier
XD1001-BD MIMIX-XD1001-BD Datasheet
259Kb / 6P
18.0-50.0 GHz GaAs MMIC Distributed Amplifier
XD1002-BD MIMIX-XD1002-BD Datasheet
358Kb / 6P
0.05-50.0 GHz GaAs MMIC Distributed Amplifier
XD1008-BD MIMIX-XD1008-BD Datasheet
341Kb / 10P
30 kHz - 40 GHz GaAs MMIC Distributed Amplifier
logo
Microsemi Corporation
MMA040AA MICROSEMI-MMA040AA Datasheet
1Mb / 22P
DC–28 GHz GaAs MMIC Distributed Amplifier
Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com