Electronic Components Datasheet Search
  English  ▼

X  

LMV341 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341 Datasheet(HTML) 1 Page - Texas Instruments

  LMV341 Datasheet HTML 1Page - Texas Instruments LMV341 Datasheet HTML 2Page - Texas Instruments LMV341 Datasheet HTML 3Page - Texas Instruments LMV341 Datasheet HTML 4Page - Texas Instruments LMV341 Datasheet HTML 5Page - Texas Instruments LMV341 Datasheet HTML 6Page - Texas Instruments LMV341 Datasheet HTML 7Page - Texas Instruments LMV341 Datasheet HTML 8Page - Texas Instruments LMV341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.ti.com
FEATURES
APPLICATIONS
LMV341 . . . DBV (SOT-23) OR DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
IN+
GND
IN−
V+
SHDN
OUT
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
GND
V+
2OUT
2IN−
2IN+
LMV342 . . . D (SOIC) OR DGK (MSOP) PACKAGE
(TOP VIEW)
LMV344 . . . D (SOIC) OR PW (TSSOP) PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN−
1IN+
V+
2IN+
2IN−
2OUT
4OUT
4IN−
4IN+
GND
3IN+
3IN−
3OUT
DESCRIPTION/ORDERING INFORMATION
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
•
2.7-V and 5-V Performance
•
Rail-to-Rail Output Swing
•
Input Bias Current
…1 pA Typ
•
Input Offset Voltage
…0.25 mV Typ
•
Low Supply Current
…100 µA Typ
•
Low Shutdown Current
…45 pA Typ
•
Gain Bandwidth of 1 MHz Typ
•
Slew Rate
…1 V/µs Typ
•
Turn-On Time From Shutdown
…5 µs Typ
•
Input Referred Voltage Noise (at 10 kHz)
…
20 nV/
√Hz
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
•
Cordless/Cellular Phones
•
Consumer Electronics (Laptops, PDAs)
•
Audio Pre-Amps for Voice
•
Portable/Battery-Powered Electronic
Equipment
•
Supply-Current Monitoring
•
Battery Monitoring
•
Buffers
•
Filters
•
Drivers
The LMV341, LMV342, LMV344 devices are single, dual, and quad CMOS operational amplifiers, respectively,
with low voltage, low power, and rail-to-rail output swing capabilities. The PMOS input stage offers an ultra-low
input bias current of 1 pA (typ) and an offset voltage of 0.25 mV (typ). The single supply amplifier is designed
specifically for low-voltage (2.7 V to 5 V) operation, with a wide common-mode input voltage range that typically
extends from –0.2 V to 0.8 V from the positive supply rail. The LMV341 (single) also offers a shutdown (SHDN)
pin that can be used to disable the device. In shutdown mode, the supply current is reduced to 33 nA (typ).
Additional features of the family are a 20-nV/
√Hz voltage noise at 10 kHz, 1-MHz unity-gain bandwidth, 1-V/µs
slew rate, and 100-
µA current consumption per channel.
Offered in both the SOT-23 and smaller SC-70 packages, the LMV341 is suitable for the most space-constraint
applications. The LMV342 dual device is offered in the standard SOIC and MSOP packages. An extended
industrial temperature range from –40
°C to 125°C makes these devices suitable in a wide variety of commercial
and industrial environments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV341

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV341 NSC-LMV341 Datasheet
694Kb / 17P
Single with Shutdown/Dual/Quad General Purpose, 2.7V, Rail-to-Rail Output, 125째C, Operational Amplifiers
logo
Texas Instruments
LMV341 TI1-LMV341 Datasheet
1Mb / 20P
Single with Shutdown/Dual/Quad General Purpose, 2.7V,Rail-to-Rail Output, 125C, Operational Amplifiers
LMV341 TI-LMV341 Datasheet
996Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
JUNE 2009
LMV341 TI2-LMV341 Datasheet
964Kb / 30P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
REVISED JUNE 2009
LMV341 TI2-LMV341 Datasheet
2Mb / 42P
LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED JUNE 2025
More results

Similar Description - LMV341

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8591 AD-AD8591 Datasheet
227Kb / 15P
CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV.A
logo
Texas Instruments
TLV341 TI-TLV341 Datasheet
685Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Analog Devices
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8594 AD-AD8594_15 Datasheet
408Kb / 16P
CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
logo
Texas Instruments
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com