Electronic Components Datasheet Search
  English  ▼

X  

LMV341 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV341
Description  RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV341 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV341 Datasheet HTML 5Page - Texas Instruments LMV341 Datasheet HTML 6Page - Texas Instruments LMV341 Datasheet HTML 7Page - Texas Instruments LMV341 Datasheet HTML 8Page - Texas Instruments LMV341 Datasheet HTML 9Page - Texas Instruments LMV341 Datasheet HTML 10Page - Texas Instruments LMV341 Datasheet HTML 11Page - Texas Instruments LMV341 Datasheet HTML 12Page - Texas Instruments LMV341 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V+ (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 2.7 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
0.001
0.01
0.1
1
10
VO − Output Voltage Referenced to V− (V)
V+ = 5 V
125
°C
−40
°C
85
°C
25
°C
0.01
0.1
1
10
100
1000
LMV341,, LMV342,, LMV344
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLOS447G – SEPTEMBER 2004 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (continued)
SOURCE CURRENT
SOURCE CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 5.
Figure 6.
SINK CURRENT
SINK CURRENT
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 7.
Figure 8.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com