Electronic Components Datasheet Search
  English  ▼

X  

AM79M574 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AM79M574
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AM79M574 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Am79M574 Data Sheet
SWITCHING CHARACTERISTICS
SWITCHING WAVEFORMS
Symbol
Parameter
Test Conditions
Temperature
Range
Min
Typ
Max
Unit
Note
tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-Key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
1.1
1.6
µs
4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1)
Switchhook Detect state
RL = 600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
1.2
1.7
3.8
4.0
tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
DET
tgkde
tshde
tgkde
tshde
DET
tshdd
tshd0
tgkd0
tgkdd
E1
E1 to DET
E0 to DET
E0
E1
16857C-003
Note:
All delays measured at 1.4 V level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com