Electronic Components Datasheet Search
  English  ▼

X  

AM79M574 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AM79M574
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AM79M574 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79M574 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Am79M574 Data Sheet
ELECTRICAL CHARACTERISTICS
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Analog (VTX) output impedance
3
Ω
Analog (VTX) output offset
0
°C to +70°C
–1*
–40
°C to +85°C
–1
–35
–30
–40
–35
+35
+30
+40
+35
mV
—
—
4
4
Analog (RSN) input impedance
Longitudinal impedance at A or B
300 Hz to 3.4 kHz
1
20
35
Ω
4
—
Overload level
Z2WIN = 600 Ω to 900 Ω
4-wire
2-wire
–3.1
–6.0
+3.1
+6.0
Vpk
—
2
Transmission Performance, 2-Wire Impedance
2-wire return loss
(See Test Circuit D)
300 Hz to 500 Hz
500 Hz to 2500 Hz
2500 Hz to 3400 Hz
26
26
20
dB
4, 14
Longitudinal Balance (2-Wire and 4-Wire, See Test Circuit C)
RL = 600 Ω, longitudinal to
metallic L-T, L-4 (normalized to
unity gain)
300 Hz to 3400 Hz
–1*
48
52
dB
Longitudinal to metallic L-T, L-4
200 Hz to 1 kHz
normal polarity
0
°C to +70°C
–2*
normal polarity –40
°C to +85°C
–2
reverse polarity
–2
63
58
54
—
—
4
—
1 kHz to 3.4 kHz
normal polarity
0
°C to +70°C
–2*
normal polarity –40
°C to +85°C
–2
reverse polarity
–2
58
54
54
—
—
4
—
Longitudinal signal
generation 4-L
300 Hz to 800 Hz
300 Hz to 800 Hz
–1*
40
42
Longitudinal current capability
per wire
Active state
OHT state
25
18
mArms
4
Insertion Loss (2- to 4-Wire and 4- to 2-Wire, See Test Circuits A and B)
Gain accuracy 2- to 4-wire
2- to 4-wire
2- to 4-wire
2- to 4-wire
4- to 2-wire
4- to 2-wire
4- to 2-wire
4- to 2-wire
0 dBm, 1 kHz,
0
°C to +70°C
0 dBm, 1 kHz, –40
°C to +85°C
0 dBm, 1 kHz,
0
°C to +70°C
–1*
0 dBm, 1 kHz, –40
°C to +85°C
–1
5.75
5.65
5.75
5.70
5.85
5.85
5.85
5.85
6.00
6.05
5.95
6.00
dB
—
4
—
4
0 dBm, 1 kHz,
0
°C to +70°C
0 dBm, 1 kHz, –40
°C to +85°C
0 dBm, 1 kHz,
0
°C to +70°C
–1*
0 dBm, 1 kHz, –40
°C to +85°C
–1
–0.15
–0.20
–0.1
–0.15
+0.15
+0.20
+0.1
+0.15
—
4
—
4
Variation with frequency
300 Hz to 3400 Hz
Relative to 1 kHz
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
—
—
4
Gain tracking
+7 dBm to –55 dBm, ref 0 dBm
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
4
4
Notes:
* P.G. = Performance Grade
–2 grade performance parameters are equivalent to –1 performance parameters except where indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com