Electronic Components Datasheet Search
  English  ▼

X  

AM79M574JC Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AM79M574JC
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574JC Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AM79M574JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 15Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 16Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 17Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 18Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 19Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
Am79M574 Data Sheet
TEST CIRCUITS (continued)
A(TIP)
B(RING)
68
Ω
68
Ω
C
C
IDC
56
Ω
1/
ωC << 90 Ω
E. Single-Frequency Noise
RL
RG
RL
SM
A(TIP)
B(RING)
SE
Current Feed and Ground Key
F. Ground-Key Detection
SLIC
VCC
6.2 k
Ω
15 pF
E0
A(TIP)
B(RING)
H. Loop-Detector Switching
RL = 600 Ω
E1
G. Ground-Key Switching
RG = 2 kΩ
DET
A(TIP)
B(RING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com