Electronic Components Datasheet Search
  English  ▼

X  

AM79M574JC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AM79M574JC
Description  Metering Subscriber Line Interface Circuit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM79M574JC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AM79M574JC Datasheet HTML 1Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 2Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 3Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 4Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 5Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 6Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79M574JC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Publication# 080135 Rev: E Amendment: /0
Issue Date: October 1999
Am79M574
Metering Subscriber Line Interface Circuit
DISTINCTIVE CHARACTERISTICS
 Programmable constant-resistance feed
 Programmable loop-detect threshold
 Ground-key detect
 Performs polarity reversal
 Line-feed characteristics independent of
battery variations
 Test relay driver optional
 Supports 2.2 Vrms metering (12 and 16 kHz)
 On-chip switching regulator for low-power
dissipation
 Two-wire impedance set by single external
impedance
 Tip Open state for ground-start lines
 On-hook transmission
BLOCK DIAGRAM
VCC
Input Decoder
and Control
VREG
VBAT
16857C-001
C1
C2
C3
C4
E1
E0
Ring Relay Driver
RINGOUT
TESTOUT
Test Relay Driver
Off-Hook Detector
Signal Transmission
Ground-Key
Detector
Power-Feed
Controller
Ring-Trip Detector
Switching Regulator
Two-Wire
Interface
RSN
VTX
RD
RDC
A(TIP)
HPA
HPB
B(RING)
DA
DB
L
BGND
QBAT
DET
VEE
Notes:
1. Am79M574—E0 and E1 inputs; ring and test relay drivers sourced internally to BGND.
2. Current gain (K1) = 1000.
CHCLK
AGND
CHS


Similar Part No. - AM79M574JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
AM79M576A-1 AMD-AM79M576A-1 Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
AM79M576A-1JC AMD-AM79M576A-1JC Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
AM79M576A-2 AMD-AM79M576A-2 Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
AM79M576A-2JC AMD-AM79M576A-2JC Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
More results

Similar Description - AM79M574JC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
SUBSCRIBER LINE INTERFACE CIRCUIT
Dec-1997
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
Subscriber Line Interface Circuit
logo
Advanced Micro Devices
AM79M576A AMD-AM79M576A Datasheet
252Kb / 18P
Metering Subscriber Line Interface Circuit
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM79M535 AMD-AM79M535 Datasheet
250Kb / 18P
Metering Subscriber Line Interface Circuit
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com