Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348F Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 35Page - Texas Instruments TMUX7348F Datasheet HTML 36Page - Texas Instruments TMUX7348F Datasheet HTML 37Page - Texas Instruments TMUX7348F Datasheet HTML 38Page - Texas Instruments TMUX7348F Datasheet HTML 39Page - Texas Instruments TMUX7348F Datasheet HTML 40Page - Texas Instruments TMUX7348F Datasheet HTML 41Page - Texas Instruments TMUX7348F Datasheet HTML 42Page - Texas Instruments TMUX7348F Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
9.3.2.4 Overvoltage Protection and Detection
The TMUX7348F and TMUX7349F detect overvoltage inputs by comparing the voltage on a source pin (Sx) with
the fault supplies (VFP and VFN). A signal is considered overvoltage if it exceeds the fault supply voltages by the
threshold voltage (VT).
When an overvoltage is detected, the switch automatically turns OFF regardless of the logic controls. The
source pin becomes high impedance and allows only a small leakage current to flow through the switch and
the overvoltage does not appear on the drain. When the overvoltage channel is selected by the logic control,
the drain pin (D or Dx) is pulled to the supply that was exceeded. For example, if the source voltage exceeds
VFP, then the drain output is pulled to VFP. If the source voltage exceeds VFN, then the drain output is pulled to
VFN. The pull-up impedance is approximately 40 kΩ, and as a result, the drain current is limited to roughly 1 mA
during a shorted load (to GND) condition.
Figure 9-1 shows a detailed view of how the pullup or down controls the output state of the drain pin under a
fault scenario.
Sx
Dx
VDD
VSS
VFP
VFN
GND
ESD
Protection
Logic &
Fault
Detection
40 kΩ
40 kΩ
Ax
Figure 9-1. Detailed Functional Diagram
VFP and VFN are required fault supplies that set the level at which the overvoltage protection is engaged. VFP can
be supplied from 3 V to VDD, while the VFN can be supplied from VSS to 0 V. If the fault supplies are not available
in the system, then the VFP pin must be connected to VDD, while the VFN pin must be connected to VSS. In this
case, overvoltage protection then engages at the primary supply voltages VDD and VSS.
9.3.2.5 Adjacent Channel Operation During Fault
When the logic pins are set to a channel under a fault, the overvoltage detection will trigger, the switch will open,
and the drain pin will be pulled up or down as described in Section 9.3.2.4. During such an event, all other
channels not under a fault can continue to operate as normal. For example, if S1 voltage exceeds VFP, and the
logic pins are set to S1, the drain output is pulled to VFP. Then if the logic pins are changed to set S4, which
is not in overvoltage or undervoltage, the drain will disconnect from the pullup to VFP and the S4 switch will be
enabled and connected to the drain, operating as normal. If the logic pins are switched back to S1, the S4 switch
will be disabled, the drain pin will be pulled up to VFP again, and the switch from S1 to drain will not be enabled
until the overvoltage fault is removed.
9.3.2.6 ESD Protection
All pins on the TMUX7348F and TMUX7349F support HBM ESD protection level up to ±3.5 kV, which helps the
device from getting ESD damages during the manufacturing process.
The drain pins (D or Dx) have internal ESD protection diodes to the fault supplies VFP and VFN. Therefore, the
voltage at the drain pins must not exceed the fault supply voltages to prevent excessive diode current. The
source pins have specialized ESD protection that allows the signal voltage to reach ±60 V regardless of the
supply voltage level. Exceeding ±60 V on any source input may damage the ESD protection circuitry on the
device and cause the device to malfunction if the damage is excessive.
www.ti.com
TMUX7348F, TMUX7349F
SCDS400B – MARCH 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com