Electronic Components Datasheet Search
  English  ▼

X  

TMUX7348F Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7348F
Description  TMUX734xF ±60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers With Adjustable Fault Threshold, Latch-Up Immunity, and 1.8-V Logic
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7348F Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX7348F Datasheet HTML 3Page - Texas Instruments TMUX7348F Datasheet HTML 4Page - Texas Instruments TMUX7348F Datasheet HTML 5Page - Texas Instruments TMUX7348F Datasheet HTML 6Page - Texas Instruments TMUX7348F Datasheet HTML 7Page - Texas Instruments TMUX7348F Datasheet HTML 8Page - Texas Instruments TMUX7348F Datasheet HTML 9Page - Texas Instruments TMUX7348F Datasheet HTML 10Page - Texas Instruments TMUX7348F Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
7.3 Thermal Information
THERMAL METRIC(1)
TMUX7348F/ TMUX7349F
UNIT
PW (TSSOP)
RTJ (WQFN)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
84.3
35.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.7
28.3
°C/W
RθJB
Junction-to-board thermal resistance
37.3
13.5
°C/W
ΨJT
Junction-to-top characterization parameter
1.0
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
36.7
13.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
4.1
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX UNIT
VDD – VSS (1)
Power supply voltage differential
8
44
V
VDD
Positive power supply voltage
5
44
V
VFP
Positive fault clamping voltage
3
VDD
V
VFN
Negative fault clamping voltage
VSS
0
V
VS
Source pin (Sx) voltage (non-fault condition)
VFN
VFP
V
VS to GND
Source pin (Sx) voltage (fault condition)
–60
60
V
VS to VDD (2)
Source pin (Sx) voltage to VDD or VD (fault condition)
Source pin (Sx) voltage
to VDD or VD (fault
condition)
–85
V
VS to VSS (2)
Source pin (Sx) voltage to VSS or VD (fault condition)
Source pin (Sx) voltage
to VSS or VD (fault
condition)
85
V
VD
Drain pin (D, Dx) voltage
VFN
VFP
V
VEN or VAx
Logic control input pin voltage (EN, A0, A1, A2)
0
44
V
VxF
Logic output pin (SF, FF) voltage
0
5.5
V
TA
Ambient temperature
–40
125
°C
IDC (3)
Continuous current through switch
TA = 25°C
9
mA
TA = 85°C
6.5
TA = 125°C
5
(1)
VDD and VSS can be any value as long as 8 V ≤ (VDD – VSS) ≤ 44 V.
(2)
Under a fault condition, the potential difference between source pin (Sx) and supply pins (VDD and VSS.) or source pin (Sx) and drain
pins (D, Dx) may not exceed 85 V.
(3)
Fault supplies are tied to the primary supplies (VFP= VDD, VFN = VSS)
www.ti.com
TMUX7348F, TMUX7349F
SCDS400B – MARCH 2022 – REVISED JULY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX7348F TMUX7349F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com