Electronic Components Datasheet Search
  English  ▼

X  

TMUX7462FPWR Datasheet(PDF) 30 Page - Texas Instruments

Part # TMUX7462FPWR
Description  TMUX7462F ±60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7462FPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMUX7462FPWR Datasheet HTML 26Page - Texas Instruments TMUX7462FPWR Datasheet HTML 27Page - Texas Instruments TMUX7462FPWR Datasheet HTML 28Page - Texas Instruments TMUX7462FPWR Datasheet HTML 29Page - Texas Instruments TMUX7462FPWR Datasheet HTML 30Page - Texas Instruments TMUX7462FPWR Datasheet HTML 31Page - Texas Instruments TMUX7462FPWR Datasheet HTML 32Page - Texas Instruments TMUX7462FPWR Datasheet HTML 33Page - Texas Instruments TMUX7462FPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
9.2.1 Design Requirements
Table 9-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD) mux
+15 V
Negative supply (VSS) mux
-15 V
Power board supply voltage
24 V
Input or output signal range non-faulted
-10 V to 10 V
Overvoltage protection levels
-60 V to 60 V
Control logic thresholds
1.8 V compatible, up to 44 V
Temperature range
-40°C to +125°C
9.2.2 Detailed Design Procedure
The TMUX7462F device's normal operation is to provide fault protection for the system while minimizing the
control logic signals required to route across the PCB. The device works as a channel protector by allowing
the signals to pass when in the valid voltage range, and opening the switch if there is a fault case. A fault
protected switch can add extra robustness to the system against fault conditions while also reducing the number
of components required to interface with the physical input channels.
The application shows two channels of the TMUX7462F connected as analog outputs and two channels
connected as analog inputs to the PLC system. The analog input channels utilize the TMUX7462F to protect
down stream operational amplifiers that are operating at a lower supply voltage than the multiplexer. The
TMUX7462F only has overvoltage protection on the source pins, therefore these pins are connected to the
external system connector on the analog output channels. If there is a miswiring or wire short issue on the
connectors, the channel protector will open the switch channel to help prevent long term fault conditions from
damaging the DAC.
If there is a fault condition, the drain pin of the channels can either be pulled up to the fault supply voltage (VFP
and VFN) through a 40 kΩ resistor or be left floating depending on the state of the DR pin. This can be configured
to match the system requirements on how to handle a fault condition.
9.2.3 Application Curves
The example application utilizes adjustable fault threshold voltages of the TMUX7462F to allow for protection
of downstream components operating on lower supply voltages. Figure 9-2 shows an example of positive
overvoltage fault response with a fast fault ramp rate of 60 V/us. Figure 9-3 shows the extremely flat on-
resistance across source voltage while operating within the fault threshold voltage levels for many supply voltage
scenarios. These features make the TMUX7462F an excellent solution for data acquisition applications that may
face various fault conditions but also require excellent linearity and low distortion.
VDD = 15 V, VFP = 10 V
Figure 9-2. Positive Overvoltage Response
VFP = 10 V, VFN = -10 V
Figure 9-3. RON Flatness in Non-Fault Region
TMUX7462F
SCDS394B – MARCH 2021 – REVISED JUNE 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com