Electronic Components Datasheet Search
  English  ▼

X  

TMUX7462FPWR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX7462FPWR
Description  TMUX7462F ±60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX7462FPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX7462FPWR Datasheet HTML 9Page - Texas Instruments TMUX7462FPWR Datasheet HTML 10Page - Texas Instruments TMUX7462FPWR Datasheet HTML 11Page - Texas Instruments TMUX7462FPWR Datasheet HTML 12Page - Texas Instruments TMUX7462FPWR Datasheet HTML 13Page - Texas Instruments TMUX7462FPWR Datasheet HTML 14Page - Texas Instruments TMUX7462FPWR Datasheet HTML 15Page - Texas Instruments TMUX7462FPWR Datasheet HTML 16Page - Texas Instruments TMUX7462FPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
6.9 36 V Single Supply: Electrical Characteristics (continued)
VDD = +36 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +36 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
SWITCHING CHARACTERISTICS
tRESPONSE
Fault response time
VFP = 18 V, VFN = 0 V,
RL = 300 Ω, CL= 12 pF
25°C
150
310
ns
–40°C to +85°C
330
–40°C to +125°C
350
tRECOVERY
Fault recovery time
VFP = 18 V, VFN = 0 V,
RL = 300 Ω, CL= 12 pF
25°C
1100
2200
ns
–40°C to +85°C
2700
–40°C to +125°C
2700
tRESPONSE(FLAG) Fault flag response time
VFP = 18 V, VFN = 0 V,
VPU = 5 V, RPU = 1 kΩ, CL= 12 pF
–40°C to +125°C
110
ns
tRECOVERY(FLAG) Fault flag recovery time
VFP = 18 V, VFN = 0 V,
VPU = 5 V, RPU = 1 kΩ, CL= 12 pF
–40°C to +125°C
0.8
µs
tRESPONSE(DR)
Fault output response time
VFP = 8 V, VFN = 0 V,
RL = 1 kΩ, CL= 12 pF
–40°C to +125°C
2.7
µs
XTALK
Inter-channel crosstalk
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200m VRMS, VBIAS = 2 V, f = 1 MHz
25°C
–100
dB
BW
–3 dB bandwidth (WQFN
Package)
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 2 V
25°C
600
MHz
BW
–3 dB bandwidth (TSSOP
Package)
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 2 V
25°C
580
MHz
ILOSS
Insertion loss
RS = 50 Ω, RL = 50 Ω, CL = 5 pF,
VS = 200 mVRMS, VBIAS = 2 V, f = 1 MHz
25°C
–0.7
dB
THD+N
Total harmonic distortion plus
noise
RS = 50 Ω, RL = 10 kΩ,
VS = 18 VPP, VBIAS = 18 V,
f = 20 Hz to 20 kHz
25°C
0.0006
%
CS(ON), CD(ON)
Input/Output on-capacitance
f = 1 MHz, VS = 18 V
25°C
17
pF
POWER SUPPLY
IDD
VDD supply current
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
0.3
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
ISS
VSS supply current
VDD = VFP = 39.6 V VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
0.25
mA
IGND
GND current
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 5 V, or VDD
25°C
0.07
mA
IFP
VFP supply current
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 5 V, or VDD
25°C
10
µA
IFN
VFN supply current
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 5 V, or VDD
25°C
10
µA
IDD(FA)
VDD supply current under fault
VS = 60 / –40 V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
0.32
0.5
mA
–40°C to +85°C
0.5
–40°C to +125°C
0.6
ISS(FA)
VSS supply current under fault
VS = 60 / –40 V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
0.18
mA
IGND(FA)
GND current under fault
VS = 60 / –40 V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
0.12
mA
IFP(FA)
VFP supply current under fault
VS = 60 / –40 V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
10
µA
IFN(FA)
VFN supply current under fault
VS = 60 / –40 V,
VDD = VFP = 39.6 V, VSS = VFN = 0 V,
VDR = 0 V, 5 V, or VDD
25°C
10
µA
(1)
When VS is at a voltage potential, VD is floating, or when VD is at a voltage potential, VS is floating.
www.ti.com
TMUX7462F
SCDS394B – MARCH 2021 – REVISED JUNE 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX7462F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com