Electronic Components Datasheet Search
  English  ▼

X  

2N6045 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 2N6045
Description  NPN Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N6045 Datasheet(HTML) 1 Page - Silicon Supplies

  2N6045 Datasheet HTML 1Page - Silicon Supplies 2N6045 Datasheet HTML 2Page - Silicon Supplies 2N6045 Datasheet HTML 3Page - Silicon Supplies 2N6045 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Darlington construction transistor in bare die form Complement to PNP 2N6042
Rev 1.0
12/07/23
NPN Transistor Bare Die, 2N6045
Features:
Die Dimensions in µm (mils)
Collector current up to 8A
Very high current gain
Enables high impedance circuitry
Solderable Back Metal
High Reliability tested grades for Military + Space
2100 (83)
444
(17)
448
(17)
B
E
Ordering Information:
The following part suffixes apply:
No suffix - Commercial grade die
“H” – Hi-rel grade die + MIL-STD-38534 Class H LAT
“K” – Hi-rel grade die + MIL-STD-38534 Class K LAT.
LAT = Lot acceptance Test.
For information on Hi-Rel LAT flows please see below.
www.siliconsupplies.com\bare-die-lot-qualification
DIE BACK = COLLECTOR
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – Specific request
Unsawn Wafer – Specific request
With additional electrical selection – Specific request
Sawn as pairs or adjacent pair pick – Specific request
Page 1 of 4
www.siliconsupplies.com
Die Size
(Excluding Saw Street)
2100 x 2100
83 x 83
µm
mils
Base Pad Size
444 x 589
17 x 23
µm
mils
Emitter Pad Size
448 x 608
17 x 23
µm
mils
Die Thickness
260 (±20)
10 (±0.79)
µm
mils
Top Metal Composition
Al
Back Metal Composition
Ti/Ni/Ag


Similar Part No. - 2N6045

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6045 MOSPEC-2N6045 Datasheet
199Kb / 4P
POWER TRANSISTORS(10A,80W)
logo
ON Semiconductor
2N6045 ONSEMI-2N6045 Datasheet
174Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
April, 2002 ??Rev. 4
logo
Boca Semiconductor Corp...
2N6045 BOCA-2N6045 Datasheet
205Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Central Semiconductor C...
2N6045 CENTRAL-2N6045 Datasheet
71Kb / 1P
NPN SILICON TRANSISTOR
logo
ON Semiconductor
2N6045 ONSEMI-2N6045 Datasheet
114Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
More results

Similar Description - 2N6045

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
BC107B SS-BC107B Datasheet
1Mb / 4P
NPN Transistor Bare Die
2N5551 SS-2N5551 Datasheet
1Mb / 4P
NPN Transistor Bare Die
Rev 1.1 22/12/21
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N3055 SS-2N3055 Datasheet
230Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122 Datasheet
214Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122_V01 Datasheet
210Kb / 2P
NPN Transistor Bare Die
Rev 1.0 19/12/23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com