Electronic Components Datasheet Search
  English  ▼

X  

2N6045 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 2N6045
Description  NPN Transistor Bare Die
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

2N6045 Datasheet(HTML) 2 Page - Silicon Supplies

  2N6045 Datasheet HTML 1Page - Silicon Supplies 2N6045 Datasheet HTML 2Page - Silicon Supplies 2N6045 Datasheet HTML 3Page - Silicon Supplies 2N6045 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
12/07/23
NPN Transistor Bare Die, 2N6045
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
8
A
Base Current
IB
120
mA
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
-55 to 150
°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 100mA
100
-
-
V
Collector-Emitter Breakdown Voltage
VCEO(SUS)
IC = 30mA, IB = 0
100
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 100µA
5
-
-
V
ICBO
VCB = 100V, IE = 0
-
-
500
µA
Collector Cut-off Current
ICEO
VCE = 50V, IB = 0
-
-
500
µA
Emitter Cut-off Current
IEBO
VEB = 5V, IC = 0
-
-
2
mA
ON CHARACTERISTICS
IC = 3A, VCE = 4V
1000
-
20000
-
DC Current Gain
hFE
IC = 8A, VCE = 4V
100
-
-
-
IC = 3A, IB = 12mA
-
-
2
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC = 8A, IB = 80mA
-
-
4
V
Base-Emitter Saturation Voltage
VBE(SAT)
IC = 8A, IB = 80mA
-
-
4.5
V
Base-Emitter On Voltage
VBE(ON)
IC = 4A, VCE = 4V
-
-
2.8
V
SMALL-SIGNAL CHARACTERISTICS
1
Small-Signal Current Gain
ǀhfeǀ
VCE = 4V, IC = 3A, f = 1 MHz
4
-
-
-
Output Capacitance
Cobo
VCB = 10V, IE = 1A, f = 0.1 MHz
-
-
300
pF
Small-Signal Current Gain
hfe
VCE = 4V, IC = 3A, f = 1 KHz
300
-
-
-
Electrical Characteristics T
A = 25°C unless otherwise stated
1. Not production testing in die form, characterized by chip design and tested in package.
Internal NPN Schematic Diagram
Page 2 of 4
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com