Electronic Components Datasheet Search
  English  ▼

X  

LXT971ALC Datasheet(PDF) 29 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 29 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 25Page - Intel Corporation LXT971ALC Datasheet HTML 26Page - Intel Corporation LXT971ALC Datasheet HTML 27Page - Intel Corporation LXT971ALC Datasheet HTML 28Page - Intel Corporation LXT971ALC Datasheet HTML 29Page - Intel Corporation LXT971ALC Datasheet HTML 30Page - Intel Corporation LXT971ALC Datasheet HTML 31Page - Intel Corporation LXT971ALC Datasheet HTML 32Page - Intel Corporation LXT971ALC Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
29
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.4.3.2
Software Power Down
Software power-down control is provided by Register bit 0.11 in the Control Register (refer to
Table 43 on page 74). During soft power-down, the following conditions are true:
• The network port is shut down.
• The MDIO registers remain accessible.
3.4.3.3
Sleep Mode
The LXT971A supports a power-saving sleep mode. Sleep mode is enabled when SLEEP is
asserted via pin 32(LQFP)/H7(PBGA). The value of pin 32/H7 can be overridden by Register bit
16.6 when in managed mode as shown in Table 4 on page 18. The LXT971A enters into sleep
mode when SLEEP is enabled and no energy is detected on the twisted-pair input for 1-3 seconds
(the time is controlled by Register bits 16.4:3 in the Configuration Register, with a default of 3.04
seconds).
During this mode, the LXT971A still responds to management transactions (MDC/MDIO). In this
mode the power consumption is minimized, and the supply current is reduced below the maximum
value given in Table 18 on page 56. If the LXT971A detects activity on the twisted-pair inputs, it
comes out of the sleep state and check for link. If no link is detected in 1-3 seconds
(programmable) it reverts back to the low power sleep state.
Note: Sleep Mode is not functional in fiber network applications.
3.4.4
Reset
The LXT971A provides both hardware and software resets. Configuration control of auto-
negotiation, speed, and duplex mode selection is handled differently for each. During a hardware
reset, auto-negotiation and speed configuration settings are read in from pins (refer to Table 9 on
page 30 for pin settings and to Table 43 on page 74 for register bit definitions).
During a software reset (0.15 = 1), these bit settings are not re-read from the pins. They revert back
to the values that were read in during the last hardware reset. Therefore, any changes to pin values
made since the last hardware reset is not detected during a software reset.
During a hardware reset, register information is unavailable for 1 ms after de-assertion of the reset.
During a software reset (0.15 = 1) the registers are available for reading. The reset bit should be
polled to see when the part has completed reset (0.15 = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com