Electronic Components Datasheet Search
  English  ▼

X  

LXT971ALC Datasheet(PDF) 41 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 41 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 37Page - Intel Corporation LXT971ALC Datasheet HTML 38Page - Intel Corporation LXT971ALC Datasheet HTML 39Page - Intel Corporation LXT971ALC Datasheet HTML 40Page - Intel Corporation LXT971ALC Datasheet HTML 41Page - Intel Corporation LXT971ALC Datasheet HTML 42Page - Intel Corporation LXT971ALC Datasheet HTML 43Page - Intel Corporation LXT971ALC Datasheet HTML 44Page - Intel Corporation LXT971ALC Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
41
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.7.3.2
PMA Sublayer
3.7.3.2.1 Link
In 100 Mbps mode, the LXT971A establishes a link whenever the scrambler becomes locked and
remains locked for approximately 50 ms. Whenever the scrambler loses lock (receiving less than
12 consecutive idle symbols during a 2 ms window), the link is taken down. This provides a very
robust link, essentially filtering out any small noise hits that may otherwise disrupt the link.
Furthermore, 100 Mbps idle patterns will not bring up a 10 Mbps link.
The LXT971A reports link failure via the MII status bits (Register bits 1.2 and 17.10) and interrupt
functions. Link failure causes the LXT971A to re-negotiate if auto-negotiation is enabled.
3.7.3.2.2 Link Failure Override
The LXT971A normally transmits data packets only if it detects the link is up. Setting Register bit
16.14 = 1 overrides this function, allowing the LXT971A to transmit data packets even when the
link is down. This feature is provided as a diagnostic tool. Note that auto-negotiation must be
disabled to transmit data packets in the absence of link. If auto-negotiation is enabled, the
LXT971A automatically transmits FLP bursts if the link is down.
3.7.3.2.3 Carrier Sense
For 100BASE-TX and 100FX links, a start-of-stream delimiter (SSD) or /J/K symbol pair causes
assertion of carrier sense (CRS). An end-of-stream delimiter (ESD) or /T/R symbol pair causes de-
assertion of CRS. The PMA layer also de-asserts CRS if IDLE symbols are received without /T/R;
however, in this case RX_ER is asserted for one clock cycle when CRS is de-asserted.
Usage of CRS for Interframe Gap (IFG) timing is not recommended for the following reasons:
INVALID
undefined
H 4
0 0 1 0 0
Transmit Error. Used to force signaling
errors
undefined
Invalid
0 0 0 0 0
Invalid
undefined
Invalid
0 0 0 0 1
Invalid
undefined
Invalid
0 0 0 1 0
Invalid
undefined
Invalid
0 0 0 1 1
Invalid
undefined
Invalid
0 0 1 0 1
Invalid
undefined
Invalid
0 0 1 1 0
Invalid
undefined
Invalid
0 1 0 0 0
Invalid
undefined
Invalid
0 1 1 0 0
Invalid
undefined
Invalid
1 0 0 0 0
Invalid
undefined
Invalid
1 1 0 0 1
Invalid
Table 11. 4B/5B Coding (Continued)
Code Type
4B Code
3 2 1 0
Name
5B Code
4 3 2 1 0
Interpretation
1. The /I/ (Idle) code group is sent continuously between frames.
2. The /J/ and /K/ (SSD) code groups are always sent in pairs; /K/ follows /J/.
3. The /T/ and /R/ (ESD) code groups are always sent in pairs; /R/ follows /T/.
4. An /H/ (Error) code group is used to signal an error condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com