Electronic Components Datasheet Search
  English  ▼

X  

112I Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 112I
Description  Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112I Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  112I Datasheet HTML 1Page - ATTEND Technology Inc. 112I Datasheet HTML 2Page - ATTEND Technology Inc. 112I Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Dielectric
Withstanding Voltage
No breakdown
Mate connectors; apply 500V AC (rms.)
between two adjacent for 1minute.
(Trip current:1mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Durability
Finish
1.Contact Resistance:
80mΩ (Max)
2.No Damage
EIA-364-09, 10000 cycles time, mate and
unmated connectors for 500 cycles per hour.
Mating Force
40N Max.
Measure forces necessary to mate connector.
Rate:12.5mm/Minute
Un-mating Force
0.5N Min. and 40N Max.
Measure forces necessary to mate connector.
Rate:12.5mm/Minute
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity
Finish
1. Contact Resistance:
80mΩ (Max)
2. Insulation Resistance:
100MΩ (Min)
Humidity storage at +40ºC with 90~95% RH
for 96 hours. Upon completion of the exposure
period, the test specimens shall be conditions
for 1 of 2 hours, then 10 mating cycles while.
(EIA364-31)
Heat Resistance
Finish
1. Contact Resistance:
80mΩ (Max)
2. Insulation Resistance:
100MΩ (Min)
Connectors solder on PCB, expose to 85°C for
96hrs. Upon completion of the exposure
period, the test specimens shall be conditioned
at ambient room conditions for 1 of 2hrs, after
which the specified measurements shall be
performed.
(MIL-STD-202 METHOD 108)
Cold Resistance
Finish
1. Contact Resistance:
80mΩ (Max)
2. Insulation Resistance:
100MΩ (Min)
Connectors solder on PCB, expose to -25°C for
96hrs. Upon completion of the exposure
period, the test specimens shall be conditioned
at ambient room conditions for 1 of 2hrs, after
which the specified measurements shall be
performed.
(EIA364-59)
Salt Spray
Finish
1. Contact Resistance:
80mΩ (Max)
2 .No Damage
5 ± 1% salt solutions, at 35 ± 2ºC duration 48
hours. Connectors detached
(MIL-STD-1344)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com