Electronic Components Datasheet Search
  English  ▼

X  

112I Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 112I
Description  Micro SD socket, Push-Pull Type, w/card switch, w/Peg, Reel
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112I Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  112I Datasheet HTML 1Page - ATTEND Technology Inc. 112I Datasheet HTML 2Page - ATTEND Technology Inc. 112I Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
SOLDER ABILITY
Item
Requirement
Test Condition
Solder ability
95%of immersed area
must show no voids , pin
holes.
Dip solder tails into the molten solder(held at
230±5°C) up to 0.5mm from the tip of tails for
3±0.5 seconds.
(MIL-STD-202 METHOD 208)
Resistance to
soldering heat
No melting, cracks or
functional damage allowed
All connectors designed for PCB soldering
within this specification must be able to
withstand the heat from solder oven according
to the graph below. The cycle should be
repeated twice.
(MIL-STD-202 METHOD 210)
Reflow Profile
Preheating temperature: 150 ~ 200°C, 60~120 seconds
Liquidus temperature (TL): 217°C, 60~150 seconds
Peak temperature: 260°C
Time within 5 °C of peak temperature (Tc): 255°C, 30seconds



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com