Electronic Components Datasheet Search
  English  ▼

X  

114B Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 114B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

114B Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  114B Datasheet HTML 1Page - ATTEND Technology Inc. 114B Datasheet HTML 2Page - ATTEND Technology Inc. 114B Datasheet HTML 3Page - ATTEND Technology Inc. 114B Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial:
30 mΩ (Max)
Solder connectors on PCB and mate them
together, measure by applying closed circuit
current of 100mA maximum at open circuit
voltage of 20mV (max).
(JIS C5402 5.4)
Insulation Resistance
Initial:
500 MΩ (Max.)
After:
100 MΩ (Min.)
Apply 500V DC between adjacent contacts, or
contact and ground.
(MIL-STD-202 METHOD 302)
Dielectric
Withstanding Voltage
No breakdown
Mate connectors; apply 250V AC at 60 Hz(rms.)
between two adjacent for 1 minute.
(Trip current:0.5mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Contact Normal Force
50 gf per pin (Min.)
The normal force of the individual contact shall be
50 gf minimum end of life.
Contact Retention
Force
180 gf per pin (Min.)
Place a connector on the push-pull machine, then
apply a force on a contact head and push the
contact to the opposite direction of the contact
insertion at the speed of 25 ± 3mm/min.
(EIA364-29)
Durability
Finish
1.Contact Resistance:
50mΩ(Max)
2.No Damage
After 50 mating and unmating cycles with 1.0mm
thick board at the rate of 25 ± 3mm/min. The
connector shall be of no damage to the housing
or contacts. The connector shall also meet the
requirements of contact resistance in the
paragraph 5.1 (EIA364-09)
Shock
Finish
1. No electrical
discontinuity more
than 0.1μs.
2 .No Damage
3. Contact Resistance:
50mΩ(Max)
Solder connectors on PCB and mate them
together, subject to he following shock
conditions, 3 shocks shall be period along 3
mutually perpendicular axis, passing DC 1mA
current during the test.
A(50G,11 ms Half-sine)
(MIL-STD-202 METHOD 213)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com