Electronic Components Datasheet Search
  English  ▼

X  

114B Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 114B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

114B Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  114B Datasheet HTML 1Page - ATTEND Technology Inc. 114B Datasheet HTML 2Page - ATTEND Technology Inc. 114B Datasheet HTML 3Page - ATTEND Technology Inc. 114B Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
ENVIRONMENTAL
Item
Requirement
Test Condition
Temperature Shock
Finish
1.Contact Resistance:
50mΩ(Max)
2.
InsulationResistance:
100MΩ(Min)
Stage
Temp
Time
t1
-55±5ºC
30 min
t2 -55±5ºC ~+85±5ºC
5 min
t3
+85±5ºC
30 min
t4 +85±5ºC ~-55ºC±5ºC
5 min
Test time: 5 cycles
(MIL-STD-202 METHOD 107)
Heat Resistance
Finish
1.Contact Resistance:
50mΩ(Max)
2.
InsulationResistance:
100MΩ(Min)
Solder connectors on PCB and mate them
together, expose to 85±2ºC for 48hrs. Upon
completion of the exposure period, the test
specimens shall be conditioned at ambient room
conditions for 1 of 2hrs, after which the specified
measurements shall be performed.
(MIL-STD-202 METHOD 108)
Humidity
Finish
1.Contact Resistance:
50mΩ(Max)
2.InsulationResistance:
100MΩ(Min)
Humidity storage at +40±3ºC with
90±5% RH for 96 hours.
(EIA364-31)
Salt Spray
Finish
1.Contact Resistance:
50mΩ(Max)
2.No Damage
5 ± 1% salt solutions, at 35 ± 2ºC
duration 24 hours.
Connectors detached
(MIL-STD-1344)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com