Electronic Components Datasheet Search
  English  ▼

X  

115B Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 115B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115B Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  115B Datasheet HTML 1Page - ATTEND Technology Inc. 115B Datasheet HTML 2Page - ATTEND Technology Inc. 115B Datasheet HTML 3Page - ATTEND Technology Inc. 115B Datasheet HTML 4Page - ATTEND Technology Inc. 115B Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
115B Series
FILE:
115B Series_spec
DATE:
2012/12/12
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
Heat Resistance
No appearance
damaged
(EIA 364-17 )
Mate a dummy card and expose to 70±2℃
for 96Hr Upon completion of the exposure
period,the test specimens shall be
conditioned at ambient room conditions
for 1 to 2Hr,after which the specified
measurements shall be performed.
SOLDER ABILITY
Item
Requirement
Test Condition
Solderability
The surface of the
portion to be soldered
shall at least 95%
covered
(EIA 364-52 )
After one hour steam aging.
The object of test procedure is to detail a
unfirm test methods for determining sim
card connector solderability.
The test procedure contained here utilizes
the solder dip technique. It is not intended
to test or evaluate solder cup, solder
eyelet, other hand-soldered type or SMT
type terminations.
Resistance to
Soldering Heat
260℃±5℃ 10Sec
Peak temperature: 260℃±5℃ 10Sec
Soldering temperature: 230℃
Preheating temperature: 150~180℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com