Electronic Components Datasheet Search
  English  ▼

X  

115B Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115B Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115B Datasheet HTML 1Page - ATTEND Technology Inc. 115B Datasheet HTML 2Page - ATTEND Technology Inc. 115B Datasheet HTML 3Page - ATTEND Technology Inc. 115B Datasheet HTML 4Page - ATTEND Technology Inc. 115B Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
115B Series
FILE:
115B Series_spec
DATE:
2012/12/12
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial:
30 mΩ Maximum
After test:
30 mΩ Maximum
(EIA 364-23 )
Subject mated contacts assembled in
housing to 20mV maximum open circuit at
100 mA maximum The object of this test is
to detail a standard method to measure
the electrical resistance across a pair of
mated contacts such that the insulating
films, if present will not be broken or
asperity melting will not occur.
Insulation Resistance Insulation Resistance:
1000MΩMin
(EIA 364-21 )
Apply a 500V DC between adjacent
terminals and between terminals to
ground
Dielectric
Withstanding
Voltage
No flashover or
insulation breakdown
(EIA 364-20 )
Apply a voltage 500V AC R.M.S for 1
minute between adjacent terminals and
between terminals to ground
MECHANICAL
Item
Requirement
Test Condition
Durability
No physical damage.
(EIA 364-09 )
Insertion and extraction are repeated
5000 cycles with the actually card at the
speed rate of 700 min cycles/hour.
Exchange the actually card every
2000cycles.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com