Electronic Components Datasheet Search
  English  ▼

X  

115I Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115I
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115I-BEAA-RA1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115I Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115I Datasheet HTML 1Page - ATTEND Technology Inc. 115I Datasheet HTML 2Page - ATTEND Technology Inc. 115I Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115I-BEAA-RA1
File
115I-BEAA-RA1_SPEC
Date
2014/06/12
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 115I-BEAA-RA1
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
LCP UL94V-0 Black
2
CONTACT
Phosphor Bronze C5210, contact area :15u” min Gold Plated,
Solder Tail: Gold Flash(0.6u” min)
3
SHELL
Stainless Steel, Solder Tail: Tin 100u” min Plated
4
SWITCH
Brass C2680, contact area :5u” min Gold Plated,
Solder Tail: Gold Flash(0.6u” min)
RATING
Rated Voltage
0.5A
Rated Current
10VDC
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Durability
500Cycle
ELECTRICAL
Item
Requirement
Test Condition
Contact resistance
100mΩ max.
Mated connectors, measure by dry circuit
(20mV ,100mA )
Between Detect Spring and Detect Contact
Insulation resistance
1000MΩ min.
100V DC is applied between any open
contacts.


Similar Part No. - 115I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115I

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
104D-RCA0-RA1 ATTEND-104D-RCA0-RA1 Datasheet
345Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-RCA0-RA1
2014/03/14
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com