Electronic Components Datasheet Search
  English  ▼

X  

115I Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115I
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115I-BEAA-RA1
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115I Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115I Datasheet HTML 1Page - ATTEND Technology Inc. 115I Datasheet HTML 2Page - ATTEND Technology Inc. 115I Datasheet HTML 3Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Dielectric
withstanding voltage
No breaking insulation
500V AC is applied between an open
contacts for 1 minute.
(Interrupting current : 2mA)
MECHANICAL
Item
Requirement
Test Condition
Card insertion force
10N(1.02kgf) Max
Insert the card at a speed rate of
25+/-3mm/min
Card withdrawal force
0.5N(0.05kgf) Min
Withdraw the card at a speed rate of
25+/-3mm/min
Contact Normal Force
Initial:0.35N Min
After test:0.30N Min
1.15N (REF) max
Apply perpendicular force to terminal at
the rate of 12.5mm/min, measure contact
normal force at 0.27mm working height.
(Test method reference below)
Durability
500 cycles
Mate and unmate connectors to 500
cycles at a maximum rate of 720
cycles/hour.
ENVIRONMENTAL
Item
Requirement
Test Condition
Temperature Life
No breaking
At +85°C For 120 Hours
Thermal Shock
No breaking
-55°C +105°C, 30 Minutes at
each Temperature for 5 cycles
Salt Spray Test
No damage
Salt concentration: 5±1%
Testing time: 48±2 hours
Temperature: 35±2°C
After salt is removed by running water and a
drop is removed, it is measured.
Humidity test
No damage
25~65°C in temperature and 80~95%RH for
96 hours.
After testing connector shall be left
alone for 1~2 hours in a room ambient.
SOLDER ABILITY
Item
Requirement
Test Condition
Solder ability
95% solder coverage
Soldered at temperature 255°C±5°C
For immersion duration “5S”
Resistance to
Soldering reflow Heat
260°C 10Sec



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com