Electronic Components Datasheet Search
  English  ▼

X  

115Q Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 115Q
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115Q Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  115Q Datasheet HTML 1Page - ATTEND Technology Inc. 115Q Datasheet HTML 2Page - ATTEND Technology Inc. 115Q Datasheet HTML 3Page - ATTEND Technology Inc. 115Q Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information contained herein is exclusive property of ATTEND. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
SPECIFICATION AND PERFORMANCE
Series
115Q-BCA0
File
115Q-BCA0_SPEC_2
Date
2021/01/21
Scope:
This specification covers the requirements for product performance, test methods and
quality assurance provisions of 115Q-BCA0
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental performance
requirements specification. Unless otherwise specified, all tests are performed at ambient
environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list controlled.
MATERIALS
NO.
PART NAME
DESCRIPTION
1
HOUSING
LCP E130i, UL94V-0, Black
2
CONTACT
C5210R-H, 0.12t, 5u" min gold on contact area, 1u" min gold on tail area,
under plated: 50u" min nickel
3
SPRING
SWP-B, 0.20d, 65u" min nickel Plating over all
4
CRANK
SUS304, 0.35d
5
SHELL
SUS304CSP-3/4H, 0.15t, 50u" min nickel plated
6
SLIDER
LCP E130i, UL94V-0, Black
RATING
Rated Voltage
10V DC/AC
Rated Current
0.5A DC/AC
Operating Temperature
-40~+85°C
Storage Temperature
-40~+85°C
Durability
5000 CYCLES
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance (Low
level)
Contact terminals:
100mΩ max.
Switch terminals: 140mΩ
max.
Subject mated contacts assembled in housing to
20mV max., Open circuit at 10mA.
Refer to Figure 1
Insulation Resistance
1000MΩ min. initial
100MΩ min. after test
Impressed voltage 500V DC for 1 minute. Test
between adjacent circuit
EIA364-21
Dielectric Withstanding
No creeping discharge nor 500V AC for 1 minute. Test between adjacent


Similar Part No. - 115Q

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
115 CTS-115 Datasheet
1Mb / 4P
Commercial 3/4 (19.05mm) diameter, 2 watt variable resistor
logo
Honeywell Solid State E...
115 HONEYWELL-115 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Aries Electronics, Inc.
115 ARIES-115 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
Resistance, continuity, frequency, capacitance, and diode test
logo
Alpha Wire
115 ALPHAWIRE-115 Datasheet
100Kb / 4P
Customer Specifications
8/29/2022
More results

Similar Description - 115Q

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
114B ATTEND-114B Datasheet
323Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 114B Series
2021/03/30
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115R ATTEND-115R Datasheet
411Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115R-BCA0
2023/01/10
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com