Electronic Components Datasheet Search
  English  ▼

X  

115Q Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 115Q
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

115Q Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  115Q Datasheet HTML 1Page - ATTEND Technology Inc. 115Q Datasheet HTML 2Page - ATTEND Technology Inc. 115Q Datasheet HTML 3Page - ATTEND Technology Inc. 115Q Datasheet HTML 4Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Voltage
flash over shall occur.
Current leakage: 1mA
max.
circuit.
EIA364-20
Temperature Rise
30°C max. under loaded
rating current
The contacts shall be wired in series and apply
rated current. Measure the temperature rising on
contact.
MECHANICAL
Item
Requirement
Test Condition
Durability
Max. change from initial
contact resistance 40mΩ
max. no physical damage
to connector shall occur
Cycle rate: 400 to 600 cycles per hour
No. of cycle: 5,000 cycles.
EIA 364-09
Insertion Force
1.0kgf (10N)Max
Measure the module card insertion force at 25±
3mm/min.
EIA364-13
Withdrawal Force
0.05kgf (0.5N) Min.
Measure the mated module card extraction force
from the socket at 25±3mm/min.
EIA364-13
Mechanical Shock
Max. Change from initial
contact
Resistance 40 mΩ Max
no electrical discontinuity
greater than 100nsec. shall
occur
Accelerated Velocity: 50 G (490 m/sec^2)
Waveform: Semi Sine
Duration: 11 m sec.
No of Shocks: 6/dir., 3 axis,( total of 18 Shocks),
EIA364-27
Vibration
Max. Change from initial
contact
Resistance 40 mΩ Max
no electrical discontinuity
greater than 100nsec. shall
occur
Frequency Range: 10-55-10
Total Amplitude: 1.52 mm p-p or 9.81m/sec^2.
Duration: 2 hours tree axes( 6 hours in total )
EIA364-28
ENVIRONMENTAL
Item
Requirement
Test Condition
Humidity-Thermal
Cycling
Max. Change from initial
contact
Resistance 40 mΩ Max
Insulation Resistance:
1000 MΩ Min. initial
100 MΩ Min. after test
No physical damage to
connector shall occur.
Ambient Temp.: 25 to 60°C
Relative humidity: 90 to 95 %
Duration: 10 cycles
EIA364-31
Thermal Shock
Max. Change from initial
contact
Resistance 40 mΩ Max
No physical damage to
connector shall occur.
Temperature Range: -55 to 85°C
No. of Cycles: 5 cycles for 30 minutes
EIA364-32
Temperature Life
Max. Change from initial
Chamber Temperature: 85±2°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com