Electronic Components Datasheet Search
  English  ▼

X  

126B Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 126B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

126B Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  126B Datasheet HTML 1Page - ATTEND Technology Inc. 126B Datasheet HTML 2Page - ATTEND Technology Inc. 126B Datasheet HTML 3Page - ATTEND Technology Inc. 126B Datasheet HTML 4Page - ATTEND Technology Inc. 126B Datasheet HTML 5Page - ATTEND Technology Inc. 126B Datasheet HTML 6Page - ATTEND Technology Inc. 126B Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
Contact Current Rating
Temperature Rise shall not
exceed 30°C above ambient.
Contacts of the connector are connected in a
series circuit, Supple the rated current (0.5
Amperes)
EIA-364 Test Procedure 70 Detail in Annex C
Reference impedance
Long Pin
46~54Ω
Mated connector and module including solder
pad and gold finger.
EIA-364-108
Short Pin
46~54Ω
Insertion Loss
-0.4dB (f<=2.0 GHz)
-0.5dB (2 GHz <f<=6 GHz)
-0.8dB (6 GHz <f<=8 GHz)
-1.2dB (8 GHz <f<=10 GHz)
Signals with 1:1 S/G
EIA-364-101
Return Loss
-20dB (f<=2.0 GHz)
-18dB (2 GHz <f<=4 GHz)
-15dB (4 GHz <f<=6 GHz)
-9.0dB (6 GHz <f<=8 GHz)
-5.0dB (8 GHz <f<=10 GHz)
Signals with 1:1 S/G
EIA-364-108
Near End Cross-Talk
-35.0dB (f<=1.0 GHz)
-31.0dB (1 GHz <f<=2 GHz)
-29.0dB (2 GHz <f<=3 GHz)
-28.0dB (3 GHz <f<=4 GHz)
-27.0dB (4 GHz <f<=10 GHz)
1:1 S/G Same Side
Both the victim and the aggressor locate at
the same side.
EIA-364-90
-16.0dB (f<=1.0 GHz)
-11.0dB (1 GHz <f<=2 GHz)
-9.0dB (2 GHz <f<=3 GHz)
-8.0dB (3 GHz <f<=5 GHz)
2:1 S/G Same Side
Both the victim and the aggressor locate at
the same side.
EIA-364-90
-47.0dB (f<=1.0 GHz)
-45.0dB (1 GHz <f<=2 GHz)
-42.0dB (2 GHz <f<=3 GHz)
-40.0dB (3 GHz <f<=4 GHz)
-38.0dB (4 GHz <f<=6 GHz)
-35.0dB (6 GHz <f<=8 GHz)
-31.0dB (8 GHz <f<=10 GHz)
1:1 S/G Opposite Side
The victim and the aggressor locate at the
opposite side.
EIA-364-90
Far End Cross-Talk
-40.0dB (f<=1.0 GHz)
-37.0dB (1 GHz <f<=2 GHz)
-35.0dB (2 GHz <f<=3 GHz)
-32.0dB (3 GHz <f<=4 GHz)
-30.0dB (4 GHz <f<=5 GHz)
-28.0dB (5 GHz <f<=6 GHz)
-27.0dB (6 GHz <f<=7 GHz)
-26.0dB (7 GHz <f<=9 GHz)
-25.0dB (9 GHz <f<=10 GHz)
1:1 S/G Same Side
Both the victim and the aggressor locate at
the same side.
EIA-364-90
-30.0dB (f<=1.0 GHz)
-23.0dB (1 GHz <f<=2 GHz)
-20.0dB (2 GHz <f<=3 GHz)
-16.0dB (3 GHz <f<=5 GHz)
2:1 S/G Same Side
Both the victim and the aggressor locate at
the same side.
EIA-364-90



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com