Electronic Components Datasheet Search
  English  ▼

X  

126B Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 126B
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

126B Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  126B Datasheet HTML 1Page - ATTEND Technology Inc. 126B Datasheet HTML 2Page - ATTEND Technology Inc. 126B Datasheet HTML 3Page - ATTEND Technology Inc. 126B Datasheet HTML 4Page - ATTEND Technology Inc. 126B Datasheet HTML 5Page - ATTEND Technology Inc. 126B Datasheet HTML 6Page - ATTEND Technology Inc. 126B Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The information contained herein is exclusive property of Attend. Do not copy and print except that Attend
accepts. 本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-3 -
-50.0dB (f<=2.0 GHz)
-45.0dB (2 GHz <f<=4 GHz)
-42.0dB (4 GHz <f<=6 GHz)
-38.0dB (6 GHz <f<=8 GHz)
-35.0dB (8 GHz <f<=10 GHz)
1:1 S/G Opposite Side
The victim and the aggressor locate at the
opposite side.
EIA-364-90
MECHANICAL
Item
Requirement
Test Condition
Module Insertion /
Withdrawal Force
Insertion force: 59.8 N
(6.1kgf) Max.
Withdrawal force: 44.6 N
(4.55kgf) Max.
Measure the force required to mate
connectors
(Speed: 25.4mm/minute)
EIA-364-13
Durability
Contact Resistance △R 20mΩ
Max. (Final)
Connectors shall be subjected to 50 cycles of
Insertion and Withdrawal.
Automatic Insertion / Withdrawal
Speed: 500 cycles/hour
Manual Insertion / Withdrawal
Speed: 250 cycles/hour
EIA-364-09
Reseating
No evidence of physical
Damage
Manually unplug/plug the connector or socket.
Perform 3 such cycles.
Vibration
Contact Resistance △R 20mΩ
Max. (Final)
Discontinuity: 1µ Sec Max
Subject mated connectors 15 minutes in each
of 3 mutually perpendicular directions. Both
mating halves should be rigidly fixed so as not
to contribute to the relative motion of one
contact against another. The method of
fixturing should be detailed in the test report.
EIA-364-28 test condition VII, test condition
letter D
Physical Shock
Contact Resistance △R 20mΩ
Max. (Final)
Discontinuity: 1µ Sec Max
The connectors shall be soldered on the P.C.
board.
Acceleration: 50 G.
Time: 11ms. (half sine wave).
Cycle: 3 drops each to normal and reversed
directions of X, Y and Z axes, totally 18 drops.
EIA-364-27 condition A
ENVIRONMENTAL
Item
Requirement
Test Condition
Thermal shock
Contact Resistance
△
R 20 mΩ Max.(Final)
Mated connectors
Temperature:-55+0/-385+3/-0(°C)
Temp. Time: 3030(minute)
Cycle: 10 cycles.
EIA-364-32, condition I
Temperature Life
Contact Resistance
△
R 20 mΩ Max.(Final)
Mated connectors
Temperature:105°C±2°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com